Electronic Components Datasheet Search
  English  ▼

X  

XVDLS36 Datasheet(PDF) 1 Page - Schneider Electric

Part # XVDLS36
Description  Complete miniature beacon, Harmony XVD Optimum, 횠 45 mm tower light, steady, blue, IP40
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

XVDLS36 Datasheet(HTML) 1 Page - Schneider Electric

  XVDLS36 Datasheet HTML 1Page - Schneider Electric XVDLS36 Datasheet HTML 2Page - Schneider Electric XVDLS36 Datasheet HTML 3Page - Schneider Electric XVDLS36 Datasheet HTML 4Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Product data sheet
Characteristics
XVDLS36
Complete miniature beacon, Harmony XVD
Optimum, Ø 45 mm tower light, steady, blue, IP40
Main
Range of product
Harmony XVD Optimum
Product or component type
Complete miniature beacon
Beacon or indicator bank unit type
Base unit direct fixing
Illuminated unit
Signalling type
Steady
Mounting diameter
45 mm
Component name
XVDLS
Material
Glass reinforced polyamide: base unit
Polycarbonate: illuminated unit
Light source
Bulb not included, blue
Bulb type
Incandescent with BA 15d base
[Us] rated supply voltage
<= 230 V
Maximum power dissipation in W
5 W
Complementary
Connections - terminals
Screw clamp terminals, <= 1 x 1.5 mm² with cable end
Cable entry
1 entry tapped for Pg 7
[Ui] rated insulation voltage
250 V conforming to IEC 60947-1
[Uimp] rated impulse withstand voltage
IEC 60947-1 4 kV
CAD overall width
45 mm
CAD overall height
104 mm
CAD overall depth
45 mm
Terminals description ISO n°1
(COM-1)PW
(GND)GROUND
Net weight
0.08 kg
 
May 24, 2021
1


Similar Part No. - XVDLS36

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
XVDLS34 SCHNEIDER-XVDLS34 Datasheet
116Kb / 4P
Complete miniature beacon, Harmony XVD Optimum, indicating 250 V 5 W
May 24, 2021
XVDLS35 SCHNEIDER-XVDLS35 Datasheet
119Kb / 4P
Harmony XVDLS, Monolithic tower light, plastic orange, 횠45, steady, incandescent bulb BA 15d base, <= 230 V
May 24, 2021
More results

Similar Description - XVDLS36

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
XVBL0B7 SCHNEIDER-XVBL0B7 Datasheet
122Kb / 4P
Complete beacon, Harmony XVB Universal, 횠 70 mm tower light, steady, clear, IP65, 24 V
May 24, 2021
XVBL0G3 SCHNEIDER-XVBL0G3 Datasheet
132Kb / 4P
Complete beacon, Harmony XVB Universal, 횠 70 mm tower light, steady, green, IP65, 120 V
May 24, 2021
XVBL0M5 SCHNEIDER-XVBL0M5 Datasheet
118Kb / 4P
Complete beacon, Harmony XVB Universal, 횠 70 mm tower light, steady, orange, IP65, 230 V
May 24, 2021
XVBL0M6 SCHNEIDER-XVBL0M6 Datasheet
126Kb / 4P
Complete beacon, Harmony XVB Universal, 횠 70 mm tower light, steady, blue, IP65, 230 V
May 24, 2021
XVBL0M8 SCHNEIDER-XVBL0M8 Datasheet
121Kb / 4P
Complete beacon, Harmony XVB Universal, 횠 70 mm tower light, steady, yellow, IP65, 230 V
May 24, 2021
XVDLS34 SCHNEIDER-XVDLS34 Datasheet
116Kb / 4P
Complete miniature beacon, Harmony XVD Optimum, indicating 250 V 5 W
May 24, 2021
XVDLS6G7 SCHNEIDER-XVDLS6G7 Datasheet
100Kb / 4P
Complete miniature beacon, Harmony XVD Optimum, 횠 45 mm tower light, flashing, clear, IP40, 120 V
May 24, 2021
XVDLS6G5 SCHNEIDER-XVDLS6G5 Datasheet
119Kb / 4P
Complete miniature beacon, Harmony XVD Optimum, 횠 45 mm tower light, flashing, orange, IP40, 120 V
May 24, 2021
XVDLS6B6 SCHNEIDER-XVDLS6B6 Datasheet
111Kb / 4P
Complete miniature beacon, Harmony XVD Optimum, 횠 45 mm tower light, flashing, blue, IP40, 24 V
May 24, 2021
XVDLS6B4 SCHNEIDER-XVDLS6B4 Datasheet
110Kb / 4P
Complete miniature beacon, Harmony XVD Optimum, 횠 45 mm tower light, flashing, red, IP40, 24 V
May 24, 2021
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com