Electronic Components Datasheet Search
  English  ▼

X  

XVDLS35 Datasheet(PDF) 1 Page - Schneider Electric

Part # XVDLS35
Description  Harmony XVDLS, Monolithic tower light, plastic orange, 횠45, steady, incandescent bulb BA 15d base, <= 230 V
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

XVDLS35 Datasheet(HTML) 1 Page - Schneider Electric

  XVDLS35 Datasheet HTML 1Page - Schneider Electric XVDLS35 Datasheet HTML 2Page - Schneider Electric XVDLS35 Datasheet HTML 3Page - Schneider Electric XVDLS35 Datasheet HTML 4Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Product data sheet
Characteristics
XVDLS35
Harmony XVDLS, Monolithic tower light, plastic,
orange, Ø45, steady, incandescent bulb BA 15d
base, <= 230 V
Main
Range of product
Harmony XVD Optimum
Product or component type
Complete miniature beacon
Beacon or indicator bank unit type
Base unit direct fixing
Illuminated unit
Signalling type
Steady
Mounting diameter
45 mm
Component name
XVDLS
Material
Glass reinforced polyamide: base unit
Polycarbonate: illuminated unit
Light source
Bulb not included, orange
Bulb type
Incandescent with BA 15d base
[Us] rated supply voltage
<= 230 V
Maximum power dissipation in W
5 W
Complementary
Connections - terminals
Screw clamp terminals, <= 1 x 1.5 mm² with cable end
Cable entry
1 entry tapped for Pg 7
[Ui] rated insulation voltage
250 V conforming to IEC 60947-1
[Uimp] rated impulse withstand voltage
IEC 60947-1 4 kV
CAD overall width
45 mm
CAD overall height
104 mm
CAD overall depth
45 mm
Terminals description ISO n°1
(COM-1)PW
(GND)GROUND
Net weight
0.08 kg
 
May 24, 2021
1


Similar Part No. - XVDLS35

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
XVDLS34 SCHNEIDER-XVDLS34 Datasheet
116Kb / 4P
Complete miniature beacon, Harmony XVD Optimum, indicating 250 V 5 W
May 24, 2021
XVDLS36 SCHNEIDER-XVDLS36 Datasheet
119Kb / 4P
Complete miniature beacon, Harmony XVD Optimum, 횠 45 mm tower light, steady, blue, IP40
May 24, 2021
More results

Similar Description - XVDLS35

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
XVBL0M5 SCHNEIDER-XVBL0M5 Datasheet
118Kb / 4P
Complete beacon, Harmony XVB Universal, 횠 70 mm tower light, steady, orange, IP65, 230 V
May 24, 2021
XVDLS6M4 SCHNEIDER-XVDLS6M4 Datasheet
110Kb / 4P
Harmony XVDLS, Monolithic tower light, plastic red, 횠45, flashing, integral flash discharge tube 1 joule, 230 V AC
May 24, 2021
XVDLS6B5 SCHNEIDER-XVDLS6B5 Datasheet
119Kb / 4P
Harmony XVDLS, Monolithic tower light, plastic, orange, 횠45, flashing, integral flash discharge tube 1 joule, 24 V AC/DC
May 24, 2021
XVC4B3K SCHNEIDER-XVC4B3K Datasheet
98Kb / 4P
XVA, Monolithic tower light, red-orange-green, 횠40, base mounting, steady, without buzzer, IP54, 24 V AC/DC
May 24, 2021
XVBL35 SCHNEIDER-XVBL35 Datasheet
118Kb / 4P
Harmony XVB, Illuminated beacon, plastic, orange, 횠70, steady, incandescent with BA 15d base, <= 250 V
May 24, 2021
XVBL34 SCHNEIDER-XVBL34 Datasheet
122Kb / 4P
Harmony XVB, Illuminated beacon, plastic, red, 횠70, steady, incandescent with BA 15d base, <= 250 V
May 24, 2021
XVBL4M4 SCHNEIDER-XVBL4M4 Datasheet
123Kb / 4P
Harmony XVB, Illuminated beacon, plastic, red, 횠70, flashing, incandescent with BA 15d base, 48??30 V AC
May 24, 2021
XVBL4B5 SCHNEIDER-XVBL4B5 Datasheet
119Kb / 4P
Harmony XVB, Illuminated beacon, plastic orange, 횠70, flashing, incandescent with BA 15d base, 24 V AC
May 24, 2021
XVBL4B4 SCHNEIDER-XVBL4B4 Datasheet
123Kb / 4P
Harmony XVB, Illuminated beacon, plastic, red, 횠70, steady, incandescent with BA 15d base, 24 V AC
May 24, 2021
DL1BEBS SCHNEIDER-DL1BEBS Datasheet
79Kb / 2P
Harmony XVP, Incandescent bulb, BA 15d, 4W, 24 V AC/DC
Sep 13, 2021
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com