Electronic Components Datasheet Search
  English  ▼

X  

TEP08C Datasheet(PDF) 2 Page - Rectron Semiconductor

Part # TEP08C
Description  Bidirectional TVS Diodes
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

TEP08C Datasheet(HTML) 2 Page - Rectron Semiconductor

  TEP08C Datasheet HTML 1Page - Rectron Semiconductor TEP08C Datasheet HTML 2Page - Rectron Semiconductor TEP08C Datasheet HTML 3Page - Rectron Semiconductor TEP08C Datasheet HTML 4Page - Rectron Semiconductor TEP08C Datasheet HTML 5Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Symbol
Parameter
Value
Units
VESD
ESD per IEC 61000-4-2 (Air)
ESD per IEC 61000-4-2 (Contact)
±15
±8
kV
PPP
Peak Pulse Power (8/20μs)
350
W
TOPT
Operating Temperature
-55/+150
°C
TSTG
Storage Temperature
-55/+150
°C
TL
Lead Soldering Temperature
260 (10 sec.)
°C
VRWM
VB
IT
VC@1A
VC
IR
CT
(V)
(V)
(mA)
(V)
(V)
(μA)
(pF)
PART
NUMBER
DEVICE
MARKING
(max.)
(min.)
(max.)
(max.)
(@A)
(max.)
(max.)
TEP03C
2A
3.3
4.0
1
7.5
13.0
20
40
450
TEP05C
2B
5.0
6.0
1
9.8
18.0
17
10
200
TEP08C
2C
8.0
8.5
1
13.4
24.0
15
2
120
TEP12C
2D
12.0
13.3
1
19.0
32.0
11
1
75
TEP15C
2J
15.0
16. 7
1
24.0
38.0
10
1
68
TEP18C
2K
18.0
20.0
1
29.0
45.0
9
1
57
TEP24C
2H
24.0
26.7
1
43.0
52.0
7
1
50
TEP36C
2N
36.0
40.0
1
60.0
75.0
5
1
35
ABSOLUTE MAXIMUM RATING
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com