Electronic Components Datasheet Search
  English  ▼

X  

XVC4M3 Datasheet(PDF) 1 Page - Schneider Electric

Part # XVC4M3
Description  Complete pre wired monolithic tower light, Harmony XVC, red orange green, 40 mm, tube mounting, steady, without buzzer, IP23, 100...240 V AC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

XVC4M3 Datasheet(HTML) 1 Page - Schneider Electric

  XVC4M3 Datasheet HTML 1Page - Schneider Electric XVC4M3 Datasheet HTML 2Page - Schneider Electric XVC4M3 Datasheet HTML 3Page - Schneider Electric XVC4M3 Datasheet HTML 4Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Product data sheet
Characteristics
XVC4M3
Complete pre wired monolithic tower light,
Harmony XVC, red orange green, 40 mm, tube
mounting, steady, without buzzer, IP23, 100...240
V AC
Main
Range of product
Harmony XVC4
Product or component type
Complete pre-wired monolithic tower light
Beacon or indicator bank unit type
3 illuminated units
Sound signalling
Without
Mounting diameter
40 mm
Component name
XVC
Device short name
XVC
Light source
LED steady red
LED steady orange
LED steady green
Supply circuit type
AC
Complementary
Material
Polycarbonate: illuminated unit
ABS (acrylonitrile butadiene-styrene): base unit
PBT + ABS (UL94-V0): top cover
SGP (chromium-plated): support tube
Mounting location
On support tube, 17 mm
Product mounting
On support tube, 17 mm
[Us] rated supply voltage
100...240 V
[Us] rated supply voltage
100...240 V
Cable cross section
0.83 mm²
0.33 mm²
AWG gauge
AWG 22
AWG 18
Cable length
450 mm
Marking
CE
[Uimp] rated impulse withstand voltage
4 kV
Current consumption
60 mA
Net weight
0.78 kg
 
May 24, 2021
1


Similar Part No. - XVC4M3

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
XVC4M35S SCHNEIDER-XVC4M35S Datasheet
82Kb / 4P
Monolithic tower light, red-orange-green, 40mm, tube mounting, steady or flashing, with buzzer 70??5 dB, IP23, 100??40 V AC
May 24, 2021
More results

Similar Description - XVC4M3

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
XVC4M15S SCHNEIDER-XVC4M15S Datasheet
83Kb / 4P
Complete pre wired monolithic tower light, Harmony XVC, red, 40 mm, tube mounting, steady or flashing, with buzzer 70...85 dB, IP23, 100...240 V AC
May 24, 2021
XVC4M4 SCHNEIDER-XVC4M4 Datasheet
84Kb / 4P
Complete pre wired monolithic tower light, Harmony XVC, red orange green blue, 40 mm, tube mounting, steady, without buzzer, IP23, 100...240 V AC
May 24, 2021
XVC4M2 SCHNEIDER-XVC4M2 Datasheet
85Kb / 4P
Complete pre wired monolithic tower light, Harmony XVC, red orange, 40 mm, tube mounting, steady, without buzzer, IP23, 100...240 V AC
May 24, 2021
XVC4M1 SCHNEIDER-XVC4M1 Datasheet
84Kb / 4P
Complete pre wired monolithic tower light, Harmony XVC, red, 40 mm, tube mounting, steady, without buzzer, IP23, 100...240 V AC
May 24, 2021
XVC4B15S SCHNEIDER-XVC4B15S Datasheet
88Kb / 4P
Complete pre wired monolithic tower light, Harmony XVC, red, 40 mm, tube mounting, steady or flashing, with buzzer 70...85 dB, IP23, 100...240 V AC
May 24, 2021
XVC4B5 SCHNEIDER-XVC4B5 Datasheet
83Kb / 4P
Complete pre wired monolithic tower light, Harmony XVC, red orange green blue clear, 40 mm, tube mounting, steady, without buzzer, IP23, 24 V AC DC
May 24, 2021
XVC4B4 SCHNEIDER-XVC4B4 Datasheet
84Kb / 4P
Complete pre wired monolithic tower light, Harmony XVC, red orange green blue, 40 mm, tube mounting, steady, without buzzer, IP23, 24 V AC DC
May 24, 2021
XVC4B2K SCHNEIDER-XVC4B2K Datasheet
104Kb / 4P
Complete pre wired monolithic tower light, Harmony XVC, red orange, 40 mm, base mounting, steady, without buzzer, IP54, 24 V AC DC
May 24, 2021
XVC4B2 SCHNEIDER-XVC4B2 Datasheet
84Kb / 4P
Complete pre wired monolithic tower light, Harmony XVC, red orange, 40 mm, tube mounting, steady, without buzzer, IP23, 24 V AC DC
May 24, 2021
XVC4B1 SCHNEIDER-XVC4B1 Datasheet
83Kb / 4P
Complete pre wired monolithic tower light, Harmony XVC, red, 40 mm, tube mounting, steady, without buzzer, IP23, 24 V AC DC
May 24, 2021
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com