Electronic Components Datasheet Search
  English  ▼

X  

AR1FD Datasheet(PDF) 2 Page - Vishay Siliconix

Part # AR1FD
Description  Surface-Mount Fast Avalanche Rectifiers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

AR1FD Datasheet(HTML) 2 Page - Vishay Siliconix

  AR1FD Datasheet HTML 1Page - Vishay Siliconix AR1FD Datasheet HTML 2Page - Vishay Siliconix AR1FD Datasheet HTML 3Page - Vishay Siliconix AR1FD Datasheet HTML 4Page - Vishay Siliconix AR1FD Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
AR1FD, AR1FG, AR1FJ, AR1FK, AR1FM
www.vishay.com
Vishay General Semiconductor
Revision: 17-Sep-2020
2
Document Number: 87167
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
(1) Pulse test: 300 μs pulse width, 1 % duty cycle
(2) Pulse test: Pulse width
 40 ms
Notes
(1) Free air, mounted on recommended PCB, 2 oz. pad area; thermal resistance RJA - junction to ambient; RJM - junction to mount
(2) The heat generated must be less than the thermal conductivity from junction-to-ambient: dPD/dTJ < 1/RJA
Note
(1) AEC-Q101 qualified
ELECTRICAL CHARACTERISTICS (TJ = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS
SYMBOL
AR1FD
AR1FG
AR1FJ
AR1FK
AR1FM
UNIT
Maximum instantaneous
forward voltage
IF = 1.0 A
TJ = 25 °C
VF (1)
1.25
1.6
V
TJ = 125 °C
1.15
1.4
Maximum reverse current
Rated VR
TJ = 25 °C
IR (2)
1.0
μA
TJ = 125 °C
100
Maximum reverse recovery
time
IF = 0.5 A, IR = 1.0 A, Irr = 0.25 A
trr
140
120
ns
Typical junction capacitance
4.0 V, 1 MHz
CJ
12.6
9.3
pF
THERMAL CHARACTERISTICS (TA = 25 °c unless otherwise noted)
PARAMETER
SYMBOL
AR1FD
AR1FG
AR1FJ
AR1FK
AR1FM
UNIT
Typical thermal resistance
RJA (1)(2)
130
°C/W
RJM (1)
20
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (g)
PREFERRED PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
AR1FJ-M3/H
0.0145
H
3000
7" diameter plastic tape and reel
AR1FJ-M3/I
0.0145
I
10 000
13" diameter plastic tape and reel
AR1FJHM3/H (1)
0.0145
H
3000
7" diameter plastic tape and reel
AR1FJHM3/I (1)
0.0145
I
10 000
13" diameter plastic tape and reel



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com