Electronic Components Datasheet Search
  English  ▼

X  

FR2000G Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # FR2000G
Description  FAST RECOVERY GLASS PASSIVATED RECTIFIER VOLTAGE RANGE 1200 to 3200 Volts CURRENT 0.5 to 0.2 Ampere
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

FR2000G Datasheet(HTML) 1 Page - Rectron Semiconductor

  FR2000G Datasheet HTML 1Page - Rectron Semiconductor FR2000G Datasheet HTML 2Page - Rectron Semiconductor FR2000G Datasheet HTML 3Page - Rectron Semiconductor FR2000G Datasheet HTML 4Page - Rectron Semiconductor FR2000G Datasheet HTML 5Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
FAST RECOVERY GLASS PASSIVATED RECTIFIER
VOLTAGE RANGE 1200 to 3200 Volts CURRENT 0.5 to 0.2 Ampere
FEATURES
*Fast switching
*Low leakage
*High current capability
*High surge capability
*High reliability
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
FR1200G
THRU
FR3200G
MAXIMUM RATINGS (At TA = 25oC unless otherwise noted)
Dimensions in inches and (millimeters)
ELECTRICAL CHARACTERISTICS (At TA = 25oC unless otherwise noted)
NOTES : 1.Test Conditions: IF = 0.5A, IR = -1.0A, IRR = -0.25A
MECHANICALDATA
* Case: Molded plastic
* Epoxy: Device has UL flammability classification 94V-O
* Lead: MIL-STD-202E method 208C guaranteed
* Mounting position: Any
* Weight: 0.35 gram
RATINGS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Volts
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
at TA = 50oC
Peak Forward Surge Current, 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Operating and Storage Temperature Range
SYMBOL
VRRM
VDC
IO
IFSM
TJ, TSTG
VRMS
Volts
Volts
mAmps
500
30
-65 to + 175
Amps
0
C
UNITS
FR1200G
1200
FR1800G FR2000G FR2500G FR3000G FR3200G
FR1500G
1800
1500
2000
2500
3000
3200
840
1260
1050
1400
1750
2100
2240
1200
1800
1500
2000
2500
3000
3200
CHARACTERISTICS
Maximum Full Load Reverse Current Average, Full Cycle
VF
SYMBOL
IR
UNITS
2.5
5.0
uAmps
Maximum DC Reverse Current
Maximum Instantaneous Forward Voltage at 0.5/0.2 A DC
Volts
4.0
100
.375”, (9.5mm) lead length at TL = 55oC
uAmps
Maximum Reverse Recovery Time (Note1 )
at Rated DC Blocking Voltage TA = 25oC
500
1.0 (25.4)
MIN.
.166 (4.2)
.205 (5.2)
1.0 (25.4)
MIN.
.107 (2.7)
.080 (2.0)
DIA.
.034 (0.9)
.028 (0.7)
DIA.
I2t
3.74
A2S
Typical Current Squarad Time
2018-08
REV:A
Typical Thermal Resistance (Note 2)
65
0
C/W
R J A
30
R J L
2. Thermal Resistance : Mounted on PCB.
200
FR1200G
FR1800G FR2000G FR2500G FR3000G FR3200G
FR1500G
5.0
trr
nSec
Volts


Similar Part No. - FR2000G

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
FR2001CT SUNMATE-FR2001CT Datasheet
702Kb / 2P
FAST RECOVERY RECTIFIERS
logo
Seoul Semiconductor
FR2001H-D SEOUL-FR2001H-D Datasheet
661Kb / 11P
Surface-mounted chip LED device
FR2001H-T SEOUL-FR2001H-T Datasheet
660Kb / 11P
Surface-mounted chip LED device
FR2001H-W SEOUL-FR2001H-W Datasheet
660Kb / 11P
Surface-mounted chip LED device
logo
SUNMATE electronic Co.,...
FR2002CT SUNMATE-FR2002CT Datasheet
702Kb / 2P
FAST RECOVERY RECTIFIERS
More results

Similar Description - FR2000G

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
FR101G RECTRON-FR101G Datasheet
257Kb / 2P
FAST RECOVERY GLASS PASSIVATED RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere)
R1200 RECTRON-R1200 Datasheet
19Kb / 2P
HIGH VOLTAGE SILICON RECTIFIER (VOLTAGE RANGE 1200 to 2000 Volts CURRENT 0.2 to 0.5 Ampere)
R1200F RECTRON-R1200F Datasheet
20Kb / 2P
HIGH VOLTAGE FAST RECOVERY RECTIFIER (VOLTAGE RANGE 1200 to 2000 Volts CURRENT 0.2 to 0.5 Ampere)
R2500F RECTRON-R2500F Datasheet
20Kb / 2P
HIGH VOLTAGE FAST RECOVERY RECTIFIER (VOLTAGE RANGE 2500 to 5000 Volts CURRENT 0.2 Ampere)
FFM1000W RECTRON-FFM1000W Datasheet
26Kb / 2P
FAST RECOVERY RECTIFIER VOLTAGE RANGE 1000 to 1800 Volts CURRENT 0.5 Ampere
RL101FG RECTRON-RL101FG Datasheet
29Kb / 2P
FAST RECOVERY GLASS PASSIVATED RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere
logo
WILLAS ELECTRONIC CORP
R1200F WILLAS-R1200F Datasheet
446Kb / 2P
VOLTAGE RANGE 1200 to 2000 Volts CURRENT 0.2 to 0.5 Ampere
R1200 WILLAS-R1200 Datasheet
412Kb / 2P
VOLTAGE RANGE 1200 to 2000 Volts CURRENT 0.2 to 0.5 Ampere
logo
GOOD-ARK Electronics
R1200F GOOD-ARK-R1200F_15 Datasheet
122Kb / 2P
High Voltage Fast Recovery RectifiersReverse Voltage 1200 to 2000 Volts Forward Current 0.2 to 0.5 Ampere
logo
Rectron Semiconductor
FM3500W RECTRON-FM3500W Datasheet
128Kb / 6P
HIGH VOLTAGE RECTIFIER VOLTAGE RANGE 1200 to 3500 Volts CURRENT 0.2 to 0.5 Ampere
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com