Electronic Components Datasheet Search
  English  ▼

X  

ARM22002MM Datasheet(PDF) 5 Page - Pulse A Technitrol Company

Part # ARM22002MM
Description  : Vehicular Multiband Antenna with Magnetic Mount
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

ARM22002MM Datasheet(HTML) 5 Page - Pulse A Technitrol Company

  ARM22002MM Datasheet HTML 1Page - Pulse A Technitrol Company ARM22002MM Datasheet HTML 2Page - Pulse A Technitrol Company ARM22002MM Datasheet HTML 3Page - Pulse A Technitrol Company ARM22002MM Datasheet HTML 4Page - Pulse A Technitrol Company ARM22002MM Datasheet HTML 5Page - Pulse A Technitrol Company ARM22002MM Datasheet HTML 6Page - Pulse A Technitrol Company ARM22002MM Datasheet HTML 7Page - Pulse A Technitrol Company ARM22002MM Datasheet HTML 8Page - Pulse A Technitrol Company ARM22002MM Datasheet HTML 9Page - Pulse A Technitrol Company Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
Issue: 2051
In the effort to improve our products, we reserve the right to make changes judged to be necessary.
CONFIDENTIAL AND PROPRIETARY INFORMATION
This document contains confidential and proprietary information of Pulse Electronics, Inc. (Pulse) and is protected by copyright, trade secret and other state and federal laws.
Its receipt or possession does not convey any rights to reproduce, disclose its contents, or to manufacture, use or sell anything it may describe. Reproduction, disclosure or
use without specific written authorization of Pulse is strictly forbidden.
Series: ARMADILLO
Description: Vehicular Multiband Antenna with
Magnetic Mount
PART NUMBER: ARMXXXXXMM
5
MECHANICAL SPECIFICATIONS
ENVIRONMENTAL SPECIFICATIONS
Operating Temperature
-40 ~ +85°C
Storage Temperature
-40 ~ +85°C
Ingress Protection
IP67
RoHS Compliant
Yes
Overall Length
202.3mm X 88.5mm X 45mm
Weight
1.1 Kg
Antenna Color / Material
Black or White
Connector type
Refer to Page 2
Cable type
Refer to Page 2
Cable length
Refer to Page 2
OTHER SPECIFICATIONS
Total cable assembly loss for 5.2m (17’) LMR-195 @850MHz
2.1dB
Total cable assembly loss for 5.2m (17’) LMR-100 @1575MHz
5.9dB
Total cable assembly loss for 5.2m (17’) LMR-195 @1930MHz
3.2dB
Total cable assembly loss for 5.2m (17’) LMR-195 @2450MHz
3.6dB
Total cable assembly loss for 5.2m (17’) LMR-195 @2500MHz
3.7dB
Total cable assembly loss for 5.2m (17’) LMR-195 @5350MHz
5.5dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com