Electronic Components Datasheet Search
  English  ▼

X  

BCS017M Datasheet(PDF) 2 Page - Balluff Korea Ltd.

Part # BCS017M
Description  Capacitive Sensors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BCS017M Datasheet(HTML) 2 Page - Balluff Korea Ltd.

  BCS017M Datasheet HTML 1Page - Balluff Korea Ltd. BCS017M Datasheet HTML 2Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Capacitive Sensors
BCS M12K4D2-PIM50C-S04G
Order Code: BCS017M
Internet
www.balluff.com
eCl@ss 9.1: 27-27-01-02
Subject to change without notice: 263438
ETIM 6.0: EC002715
BCS017M_0.58_2021-05-20
2 / 2
Material
Cover material
PA 12
Housing material
Stainless steel (1.4404)
Material sensing surface
PEEK
Mechanical data
Dimension
Ø 12 x 60 mm
Installation
for flush mounting
Size
M12x1
Thread (A)
M12x1
Tightening torque
8 Nm
Output/Interface
Cycle time min.
5 ms
Interface
IO-Link 1.1
Switching output
PNP normally open (NO)
Range/Distance
Hysteresis H max. (% of Sr)
15 %
Measuring range
0.5...5 mm
Rated operating distance Sn
5 mm
Repeat accuracy max. (% of Sr)
2 %
Temperature drift max. (% of Sr)
20 %
Remarks
For full calibration connect input DI to L+ for 2...7 seconds. For empty calibration connect to L+ for 7..12 seconds.
Input DI can be used for teaching the switching point. In normal operation input DI should be connected continuously to L-.
Switching output- and function programmable using IO-Link.
For more information about MTTF and B10d see MTTF / B10d Certificate
Indication of the MTTF- / B10d value does not represent a binding composition and/or life expectancy assurance; these are simply experiential values with
no warranty implications. These declared values also do not extend the expiration period for defect claims or affect it in any way.
Connector Drawings
Wiring Diagrams



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com