Electronic Components Datasheet Search
  English  ▼

X  

TP87C251SP16 Datasheet(PDF) 33 Page - Intel Corporation

Part # TP87C251SP16
Description  HIGH-PERFORMANCE CHMOS MICROCONTROLLER
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

TP87C251SP16 Datasheet(HTML) 33 Page - Intel Corporation

Back Button TP87C251SP16 Datasheet HTML 28Page - Intel Corporation TP87C251SP16 Datasheet HTML 29Page - Intel Corporation TP87C251SP16 Datasheet HTML 30Page - Intel Corporation TP87C251SP16 Datasheet HTML 31Page - Intel Corporation TP87C251SP16 Datasheet HTML 32Page - Intel Corporation TP87C251SP16 Datasheet HTML 33Page - Intel Corporation TP87C251SP16 Datasheet HTML 34Page - Intel Corporation TP87C251SP16 Datasheet HTML 35Page - Intel Corporation TP87C251SP16 Datasheet HTML 36Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 33 / 36 page
background image
33
PRELIMINARY
8XC251SA/SB/SP/SQ HIGH-PERFORMANCE CHMOS MICROCONTROLLER
6.0
THERMAL CHARACTERISTICS
All thermal impedance data is approximate for static
air conditions at 1 watt of power dissipation. Values
change depending on operating conditions and
application
requirements.
The
Intel
Packaging
Handbook (order number 240800) describes Intel’s
thermal impedance test methodology.
Table 16. Thermal Characteristics
Package Type
θ
JA
θ
JC
44-pin PLCC
46°C/W
16°C/W
40-pin PDIP
45°C/W
16°C/W
40-pin Ceramic DIP
30.5°C/W
10°C/W
7.0
NONVOLATILE MEMORY PROGRAMMING AND VERIFICATION
CHARACTERISTICS
7.1
Definition of Nonvolatile Memory Symbols
Table 17. Nonvolatile Memory Timing Symbol Definitions
Signals
Conditions
A
Address
H
High
D
Data In
L
Low
Q
Data Out
V
Valid
S
Supply
X
No Longer Valid
G
PROG#
Z
Floating
E
Enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com