Electronic Components Datasheet Search
  English  ▼

X  

LH2111 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LH2111
Description  Dual Voltage Comparators
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LH2111 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LH2111 Datasheet HTML 1Page - National Semiconductor (TI) LH2111 Datasheet HTML 2Page - National Semiconductor (TI) LH2111 Datasheet HTML 3Page - National Semiconductor (TI) LH2111 Datasheet HTML 4Page - National Semiconductor (TI) LH2111 Datasheet HTML 5Page - National Semiconductor (TI) LH2111 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Absolute Maximum Ratings (Note *NO
TARGET FOR FNXref NS0050*)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Total Supply Voltage (V
+ −V−)
36V
Output to Negative Supply Voltage (V
OUT −V
−)
50V
Ground to Negative Supply Voltage (GND − V
−)
30V
Differential Input Voltage
±30V
Input Voltage (Note 1)
±15V
Power Dissipation (Note 2)
500 mW
Output Short Circuit Duration
10 sec
Operating Temperature Range LH2111
−55˚C to +125˚C
LH2311
0˚C to +70˚C
Storage Temperature Range
−65˚C to +150˚C
Lead Temperature (Soldering, 10 sec)
300˚C
Electrical Characteristics (Note 3)
Each Side
Parameter
Conditions
Limits
Units
LH2111
LH2311
Input Offset Voltage (Note 4)
T
A = 25˚C, RS
≤ 50k
3.0
7.5
mV Max
Input Offset Current (Note 4)
T
A = 25˚C
10
50
nA Max
Input Bias Current
T
A = 25˚C
100
250
nA Max
Voltage Gain
T
A = 25˚C
200
200
V/mV Typ
Response Time (Note 5)
T
A = 25˚C
200
200
ns Typ
Saturation Voltage
V
IN
≤ −5 mV, I
OUT = 50 mA
1.5
1.5
V Max
T
A = 25˚C
Strobe On Current
T
A = 25˚C
3.0
3.0
mA Typ
Output Leakage Current
V
IN
≥ 5 mV, V
OUT = 35V
10
50
nA Max
T
A = 25˚C
Input Offset Voltage (Note 4)
R
S
≤ 50k
4.0
10
mV Max
Input Offset Current (Note 4)
20
70
nA Max
Input Bias Current
150
300
nA Max
Input Voltage Range
±14
±14
V Typ
Saturation Voltage
V+
≥ 4.5V, V− = 0
0.4
0.4
V Max
V
IN
≤ −5 mV, I
SINK
≤ 8mA
Positive Supply Current
T
A = 25˚C
6.0
7.5
mA Max
Negative Supply Current
T
A = 25˚C
5.0
5.0
mA Max
Note 1: This rating applies for ±15V supplies. The positive input voltage limit is 30V above the negative supply. The negative input voltage limit is equal to the nega-
tive supply voltage or 30V below the positive supply, whichever is less.
Note 2: The maximum junction temperature is 150˚C. For operating at elevated temperatures, devices in the flat package, the derating is based on a thermal resis-
tance of 185˚C/W when mounted on a 1/16-inch-thick epoxy glass board with 0.03-inch-wide, 2 ounce copper conductor. The thermal resistance of the dual-in-line
package is 100˚C/W, junction to ambient.
Note 3: These specifications apply for VS = ±15V and −55˚C ≤ TA ≤ 125˚C for the LH2111, and 0˚C ≤ TA ≤ 70˚C for the LH2311, unless otherwise stated. The offset
voltage, offset current and bias current specifications apply for any supply voltage from a single 5V supply up to ±15V supplies. For the LH2311, VIN = ±10 mV.
Note 4: The offset voltages and offset currents given are the maximum values required to drive the output within a volt of either supply witha1mA load. Thus, these
parameters define an error band and take into account the worst case effects of voltage gain and input impedance.
Note 5: The response time specified is for a 100 mV input step with 5 mV overdrive.
Note 6: RETS2111X for the LH2111D and LH2111F military specifications.
www.national.com
2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com