Electronic Components Datasheet Search
  English  ▼

X  

1776 Datasheet(PDF) 1 Page - Caddock Electronics, Inc.

Part # 1776
Description  Input Voltage Dividers for Digital Multimeters and Range-Switching Instruments Introducing New Smaller Models at Lower Cost
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADDOCK [Caddock Electronics, Inc.]
Direct Link  http://www.caddock.com/
Logo CADDOCK - Caddock Electronics, Inc.

1776 Datasheet(HTML) 1 Page - Caddock Electronics, Inc.

  1776 Datasheet HTML 1Page - Caddock Electronics, Inc. 1776 Datasheet HTML 2Page - Caddock Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 2003-2017 Caddock Electronics, Inc.
Sales and Applications Engineering
17271 North Umpqua Hwy.
Roseburg, Oregon 97470-9422
Phone: (541) 496-0700
Fax: (541) 496-0408
e-mail: caddock@caddock.com • web: www.caddock.com
For Caddock Distributors listed by country see caddock.com/contact/dist.html
ELECTRONICS, INC.
28_IL118.0717
6
5
4
3
2
1
7
6
5
4
3
2
1
7
6
5
4
3
2
1
7
6
5
4
3
2
1
7
6
5
4
3
2
1
7
Input Voltage Dividers for Digital Multimeters and Range-Switching Instruments
Introducing New Smaller Models at Lower Cost
The exceptional performance of this extensive family of
Type 1776 Precision Decade Resistor Voltage Dividers has
There are now 39 standard models in the expanded
family of Type 1776 precision resistor networks that include:
For complete information on quantity price and delivery,
contact our Sales Office.
• 3, 4, and 5 - decade voltage
dividers with ratios from 10:1 to
10,000:1.
• 1,200 volts continuous ratings
and overvoltage to 2,000 volts.
• Many combinations of Ratio and
Absolute Tolerance, and Ratio
and Absolute Temperature
Coefficient.
been achieved through the special
combination of advantages
provided by Caddock's Tetrinox®
resistance films. This advanced
film resistor technology provides
the performance characteristics
required by the precision input
signal circuits of both bench-type
and laboratory digital instruments.
In addition to requiring less
board space, these compact
precision resistor networks deliver higher performance than
selected discrete resistor sets and thin-film networks.
Schematic for
Model 1776-C68
Type 1776 Precision Decade Resistor Voltage Dividers
(Numbers inside circles
reference columns in Model No.
table)
Ratio Tolerance: Maximum
ratio error. (See the specific
Figures for the Ratio Definition).
RatioTemperature Coefficient:
Maximum ratio TC error. (See
the specific Figures for the
Ratio Definition).
Range 1: -40°C to +85°C.
Range 2: 0°C to +70°C.
Voltage Coefficient of Ratio
(ppm/volt): R1 in series with any
combination of R2, R3, R4, and
R5, 100 volts to rated voltage.
Load Life: Ratio stability of
resistance under full load at
+70°C, rated voltage applied to
R1 in series with any combination
of R2, R3, R4, and R5 for 2000 hrs.
Shelf Stability of Ratio: Six
months at shelf conditions.
Overvoltage:
Maximum
voltage of 1.67 times rated
DC voltage. Volts DC or peak
AC applied to R1 and any
combination of R2, R3, R4, and
R5 in series with R1 for 10
seconds.
Voltage Rating: DC or RMS
AC voltage applied to R1 in
series with any combination of
R2, R3, R4, and R5.
Storage Temperature: -40°C
to +85°C.
Specifications:
6
5
4
3
2
1
7
6
5
4
3
2
1
7
RatioTole
rance
%
Fig.
Resistance Values
Model
No.
Ratio Stability
% Change in Ratio
Over-V
oltage
1776-C61
1200
0.1
0.1
30
10
Shelf
Life
Load
Life
0.01
0.005
0.01
Voltage
Coef.
of Ratio
ppm/volt
0.1
RatioT
Cppm/°
C
Abs.
TCppm/°
C
Absolute
Tolerance
%
Voltage
Rating
R1
R2
R3
R4
R5
9 Meg
900 K
90 K
9 K
900
6
1
2
3
4
5
6
7
1776-C611
1200
0.1
0.05
30
10
0.01
0.005
0.01
0.1
9 Meg
900 K
90 K
9 K
900
6
1776-C62
1200
0.1
0.1
30
10
0.01
0.005
0.01
0.1
9 Meg
900 K
90 K
9 K
1 K
6
1776-C621
1200
0.1
0.05
30
10
0.01
0.005
0.01
0.1
9 Meg
900 K
90 K
9 K
1 K
6
1776-C742
1200
0.25
0.25
50
50
0.04
0.02
0.04
0.5
9 Meg
900 K
90 K
9 K
1 K
7
1776-C74
1200
0.1
0.1
50
50
0.04
0.02
0.04
0.5
9 Meg
900 K
90 K
9 K
1 K
7
1776-232
1200
0.25
0.25
50
50
0.04
0.02
0.04
0.3
9 Meg
900 K
90 K
9 K
900
3
1776-23
1200
0.1
0.1
50
50
0.02
0.01
0.02
0.2
9 Meg
900 K
90 K
9 K
900
3
1776-242
1200
0.25
0.25
50
50
0.04
0.02
0.04
0.3
9 Meg
900 K
90 K
9 K
1 K
3
1776-24
1200
0.25
0.1
50
50
0.02
0.01
0.02
0.2
9 Meg
900 K
90 K
9 K
1 K
3
1776-241
1200
0.25
0.05
50
50
0.02
0.01
0.02
0.2
9 Meg
900 K
90 K
9 K
1 K
3
1776-105
1200
+0, -0.5
0.1
30
5
0.01
0.005
0.01
0.02
9 Meg
900 K
90 K
10 K
N/A
4
1776-C10
1200
+0, -0.5
0.1
30
10
0.01
0.005
0.01
0.02
9 Meg
900 K
90 K
10 K
N/A
9
1776-C105
1200
+0, -0.5
0.1
30
5
0.01
0.005
0.01
0.02
9 Meg
900 K
90 K
10 K
N/A
9
1776-1
1200
0.25
0.05
30
10
0.01
0.005
0.01
0.02
9 Meg
900 K
90 K
10 K
N/A
2
1776-14
1200
0.25
0.1
30
10
0.01
0.005
0.01
0.02
9 Meg
900 K
90 K
10 K
N/A
2
1776-8
1200
0.25
0.1
30
25
0.02
0.01
0.02
0.2
9.9 Meg 90 K
10 K
N/A
N/A
1
1776-9
1200
0.25
0.1
30
10
0.01
0.005
0.01
0.02
9.9 Meg 90 K
10 K
N/A
N/A
1
1776-91
1200
0.25
0.05
30
10
0.01
0.005
0.01
0.02
9.9 Meg 90 K
10 K
N/A
N/A
1
1776-912
1200
0.25
0.02
30
5
0.01
0.005
0.01
0.02
9.9 Meg 90 K
10 K
N/A
N/A
1
1776-C4
1200
0.25
0.25
30
10
0.01
0.005
0.01
0.1
10 Meg 1.1111M 101.01K 10.01K 1.0001K 8
1776-C44
1200
0.1
0.1
30
10
0.01
0.005
0.01
0.1
10 Meg 1.1111M 101.01K 10.01K 1.0001K 8
1776-C441
1200
0.1
0.05
30
10
0.01
0.005
0.01
0.1
10 Meg 1.1111M 101.01K 10.01K 1.0001K 8
1776-C34
1200
0.25
0.25
50
50
0.04
0.02
0.04
0.5
10 Meg 1.1111M 101.01K 10.01K 1.0001K 8
1776-C532
750
0.25
0.25
25
25
0.02
0.01
0.02
0.4
900 K
90 K
9 K
900
N/A
5
1776-C53
750
0.1
0.1
25
15
0.02
0.01
0.02
0.3
900 K
90 K
9 K
900
N/A
5
1776-C542
750
0.25
0.25
25
25
0.02
0.01
0.02
0.4
900 K
90 K
9 K
1 K
N/A
5
1776-C54
750
0.1
0.1
25
15
0.02
0.01
0.02
0.3
900 K
90 K
9 K
1 K
N/A
5
1776-C541
750
0.1
0.05
25
15
0.02
0.01
0.02
0.3
900 K
90 K
9 K
1 K
N/A
5
1776-C6217
1200
0.1
0.02
30
10
0.01
0.005
0.01
0.1
9 Meg
900 K
90 K
9 K
1 K
6
Range 2
Range 2
Range 2
Range 2
Range 2
Range 2
Range 2
Range 2
Range 2
Range 2
Range 2
Range 2
Range 2
Range 2
Range 2
Range 2
Range 2
Range 2
Range 2
Range 2
Range 2
Range 2
Range 2
Range 2
Range 2
Range 2
Range 2
Range 2
Range 2
Range 2
TCTem
p.Rang
e
2
1776-C67
9 Meg
900 K
1776-C671
1200
0.1
0.05
30
10
0.01
9 Meg
900 K
90 K
9 K
900
1776-C6715
1200
0.1
30
5
0.01
9 Meg
900 K
90 K
9 K
1776-C68
1200
0.1
30
10
0.01
9 Meg
900 K
90 K
9 K
1 K
1776-C6815
1200
9 Meg
900 K
90 K
9 K
1 K
1776-C48
1200
0.1
0.1
1776-C481
1200
1776-C681
1200
0.1
30
10
0.01
9 Meg
900 K
90 K
9 K
1 K
Range 1
Range 1
Range 1
Range 1
Range 1
Range 1
Range 1
1776-C4815
1200
Range 1
900
10 Meg 1.1111M 101.01K 10.01K 1.0001K
10 Meg 1.1111M 101.01K 10.01K 1.0001K
10 Meg 1.1111M 101.01K 10.01K 1.0001K
10
10
10
10
10
11
11
11
0.1
0.1
0.1
0.05
0.1
0.05
0.05
0.05
0.05
30
30
30
30
5
10
10
5
0.04
0.04
0.04
0.04
0.04
0.03
0.03
0.03
0.01
0.01
0.01
0.01
0.003
0.003
0.003
0.003
0.003
0.003
0.003
0.003
1200
0.1
0.1
30
10
0.003
0.01
0.04
90 K
9 K
900
10
Range 1
0.005
0.005
0.005
0.005
0.005
0.005
0.005
0.005
0.005
= VOUT
= VOUT
= VOUT
= VOUT
1
2
3
4
VIN
10
VIN
VIN
100
VIN
1,000
VIN
10,000
9K
90K
900K
9M
1K
Page 1 of 2


Similar Part No. - 1776

ManufacturerPart #DatasheetDescription
logo
3M Electronics
1776 3M-1776 Datasheet
133Kb / 2P
3MTM Single Coated Medical White Nonwoven Tape on Liner
Jan-2020
logo
Belden Inc.
1776 BELDEN-1776 Datasheet
147Kb / 2P
Microphone Cable, 2 Conductor 20 AWG, TC
11-09-2022
1776-010250 BELDEN-1776-010250 Datasheet
147Kb / 2P
Microphone Cable, 2 Conductor 20 AWG, TC
11-09-2022
logo
List of Unclassifed Man...
1776-1 ETC2-1776-1 Datasheet
222Kb / 2P
Precision Decade Resistor Voltage Dividers
1776-105 ETC2-1776-105 Datasheet
222Kb / 2P
Precision Decade Resistor Voltage Dividers
More results

Similar Description - 1776

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A41-25-10 ETC-A41-25-10 Datasheet
408Kb / 2P
International Standards at Lower Cost and Better Performance
logo
RHOPOINT COMPONENTS
1776-C67 RHOPOINT-1776-C67 Datasheet
735Kb / 2P
Input Voltage Dividers for Digital Multimeters and Range-Switching Instruments
logo
Keysight Technologies
34465A KEYSIGHT-34465A Datasheet
3Mb / 23P
Digital Multimeters
34470A KEYSIGHT-34470A Datasheet
3Mb / 23P
Digital Multimeters
U1250 KEYSIGHT-U1250 Datasheet
2Mb / 15P
Digital Multimeters
U3400 KEYSIGHT-U3400 Datasheet
2Mb / 21P
Digital Multimeters
logo
Bel Fuse Inc.
A41 BEL-A41 Datasheet
1Mb / 3P
International Standards at Lower Cost and Better Performance
A41-L BEL-A41-L Datasheet
1,017Kb / 3P
International Standards at Lower Cost and Better Performance
logo
List of Unclassifed Man...
34460A ETC-34460A Datasheet
2Mb / 28P
Digital Multimeters
AM-500-EUR ETC-AM-500-EUR Datasheet
1Mb / 2P
Digital Multimeters
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com