Electronic Components Datasheet Search
  English  ▼

X  

B3FP Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # B3FP
Description  Limit Alarms (potentiometer adj.) A-UNIT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

B3FP Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  B3FP Datasheet HTML 1Page - M-System Co.,Ltd. B3FP Datasheet HTML 2Page - M-System Co.,Ltd. B3FP Datasheet HTML 3Page - M-System Co.,Ltd. B3FP Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MODEL: B3FP
B3FP SPECIFICATIONS
ES-7516 Rev.9 Page 3/4
https://www.m-system.co.jp/
EXTERNAL VIEW
10 11 12
4
5
6
Zero Adj.
Span Adj.
n FRONT VIEW
n SIDE VIEW
1
SW4
SW3
2 3 4 5 6 7 8
SW2
SW1
Configuration DIP SW
Configuration Rotary SW
High-order Digit (0 – 9)
Low-order Digit (0 – 9)
0
9
1
EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENTS unit: mm [inch]
10 11 12
4
5
6
18 (.71)
110.5 (4.35)
[5 (.20)]
DIN RAIL
35mm wide
• When mounting, no extra space is needed between units.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com