Electronic Components Datasheet Search
  English  ▼

X  

BM Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # BM
Description  Space-saving Two-wire Signal Conditioners B-UNIT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

BM Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  BM Datasheet HTML 1Page - M-System Co.,Ltd. BM Datasheet HTML 2Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MODEL: BM
BM SPECIFICATIONS
ES-3115 Rev.8 Page 1/2
http://www.m-system.co.jp/
Space-saving Two-wire Signal Conditioners B-UNIT
POTENTIOMETER TRANSMITTER
Functions & Features
• Providing a 4 – 20 mA DC signal proportional to a
potentiometer or slidewire position input
• Constant voltage excitation allows use with pots with total
resistances from 100 Ω – 2 kΩ without affecting accuracy
• Minimal interaction between zero and span adjustments
• Monitor terminals
• High-density mounting
Typical Applications
• Tank levels
• Positions
26 (1.02)
93
(3.66)
mm (inch)
137
(5.39)
MODEL: BM[1]
ORDERING INFORMATION
• Code number: BM[1]
Specify a code from below for [1].
(e.g. BM/Q)
• Specify the specification for option code /Q
(e.g. /C01/S01)
[1] OPTIONS
blank: none
/Q: With options (specify the specification)
SPECIFICATIONS OF OPTION: Q (multiple selections)
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
TERMINAL SCREW MATERIAL
/S01: Stainless steel
GENERAL SPECIFICATIONS
Construction: Plug-in
Connection: M3.5 screw terminals (torque 0.8 N·m)
Screw terminal: Nickel-plated steel (standard) or stainless
steel
Housing material: Flame-resistant resin (black)
Zero adjustment: 0 to 10 % of total resistance
Span adjustment: (of total resistance)
135 Ω or above: 50 – 100 %
Below 135 Ω: 70 – 100 %
INPUT SPECIFICATIONS
Potentiometer: 100 Ω – 2 kΩ
Minimum span: 50 % of total resistance (≥ 135 Ω); ≥ 70 %
of total resistance (< 135 Ω)
Excitation: Approx. 0.2 V DC
OUTPUT SPECIFICATIONS
Output: 4 – 20 mA DC
Load resistance vs. supply voltage:
Load Resistance (Ω) = (Supply Voltage (V) – 12 (V)) ÷ 0.02
(A)
(including leadwire resistance)
0
10
20
30
40
50
60
0.0
0.5
1.0
1.5
2.0
2.5
SUPPLY VOLTAGE [V]
(600Ω maximum at 24V DC)
2.4
12
INSTALLATION
Supply voltage: 12 – 60 V DC
Operating temperature: -5 to +60°C (23 to 140°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Mounting: Surface or DIN rail; Standard Rack Mounting
Frame BX-16H available
Weight: 150 g (0.33 lb)
PERFORMANCE in percentage of span
Accuracy: ±0.2 %
Temp. coefficient: ±0.05 %/°C (±0.03 %/°F)
Response time: ≤ 0.5 sec. (0 – 90 %)


Similar Description - BM

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
B3FV MSYSTEM-B3FV Datasheet
111Kb / 3P
Space-saving Two-wire Signal Conditioners B3-UNIT
B3VS1 MSYSTEM-B3VS1 Datasheet
104Kb / 3P
Space-saving Two-wire Signal Conditioners B3-UNIT
BCT MSYSTEM-BCT Datasheet
112Kb / 3P
Space-saving Two-wire Signal Conditioners B-UNIT
BLC MSYSTEM-BLC Datasheet
105Kb / 2P
Space-saving Two-wire Signal Conditioners B-UNIT
BPT MSYSTEM-BPT Datasheet
104Kb / 2P
Space-saving Two-wire Signal Conditioners B-UNIT
BPV MSYSTEM-BPV Datasheet
106Kb / 3P
Space-saving Two-wire Signal Conditioners B-UNIT
BSN MSYSTEM-BSN Datasheet
110Kb / 3P
Space-saving Two-wire Signal Conditioners B-UNIT
BSP MSYSTEM-BSP Datasheet
104Kb / 2P
Space-saving Two-wire Signal Conditioners B-UNIT
BTS MSYSTEM-BTS Datasheet
115Kb / 3P
Space-saving Two-wire Signal Conditioners B-UNIT
BVS MSYSTEM-BVS Datasheet
116Kb / 3P
Space-saving Two-wire Signal Conditioners B-UNIT
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com