Electronic Components Datasheet Search
  English  ▼

X  

BPV Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # BPV
Description  Space-saving Two-wire Signal Conditioners B-UNIT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

BPV Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  BPV Datasheet HTML 1Page - M-System Co.,Ltd. BPV Datasheet HTML 2Page - M-System Co.,Ltd. BPV Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MODEL: BPV
BPV SPECIFICATIONS
ES-3120 Rev.15 Page 1/3
https://www.m-system.co.jp/
Space-saving Two-wire Signal Conditioners B-UNIT
P/I TRANSDUCER
Functions & Features
• Converting a standard pneumatic signal into a
proportional 4 – 20 mA DC output
• Monitor terminals
• High-density mounting
Typical Applications
• Converting a pneumatic system into a 4 – 20 mA for
indicating and controlling in DCS system
25 (.98)
123
(4.84)
mm (inch)
BPV
B•UINT
120
(4.72)
MODEL: BPV–[1][2]
ORDERING INFORMATION
• Code number: BPV-[1][2]
Specify a code from below for each of [1] and [2].
(e.g. BPV-2/A2S/Q)
• Specify the specification for option code /Q
(e.g. /C01/S01)
[1] PNEUMATIC CONNECTION
2: Rc 1/4"
5: Rc 1/8" fitting
7: 1/4" NPT fitting
[2] OPTIONS (multiple selections)
Input
blank: 0.2 – 1.0 kgf/cm2
/A1S: 19.6 – 98.1 kPa
/A2S: 20 – 100 kPa
/A3S: 20.7 – 103.4 kPa
/A2: 0.2 – 1.0 bar
/A3: 3 – 15 psig
Other Options
blank: none
/Q: Option other than the above (specify the specification)
SPECIFICATIONS OF OPTION: Q (multiple selections)
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
TERMINAL SCREW MATERIAL
/S01: Stainless steel
GENERAL SPECIFICATIONS
Construction: Plug-in
Connection
Output: M3.5 screw terminals (torque 0.8 N·m)
Pneumatic: Rc 1/4", Rc 1/8" or 1/4" NPT female
(torque ≤ 12 N·m)
Material
Housing: Flame-resistant resin (black)
Base socket: Die cast aluminium
Screw terminals: Nickel-plated steel(standard) or stainless
steel
Zero adjustment: -5 to +5 % (front)
Span adjustment: 95 to 105 % (front)
INPUT SPECIFICATIONS
■ Input
19.6 – 98.1 kPa, 0.2 – 1.0 kgf/cm2
20 – 100 kPa, 0.2 – 1.0 bar
20.7 – 103.4 kPa, 3 – 15 psig
OUTPUT SPECIFICATIONS
Output: 4 – 20 mA DC
Load resistance vs. supply voltage:
Load Resistance (Ω) = (Supply Voltage (V) – 12 (V)) ÷ 0.02
(A)
(including leadwire resistance)
10 12
15
20
25
28
0
200
400
600
800
SUPPLY VOLTAGE [V ]
(600Ω maximum at 24V DC)
INSTALLATION
Supply voltage: 12 – 28 V DC
Operating temperature: -10 to +60°C (14 to 140°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Mounting: Surface; Standard Rack Mounting Frame (BX-


Similar Part No. - BPV

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BPV09NF VISHAY-BPV09NF Datasheet
135Kb / 4P
Silicon PIN Photodiode
24-Feb-2021
BPV09NF VISHAY-BPV09NF Datasheet
135Kb / 4P
Silicon PIN Photodiode
24-Feb-2021
BPV09NF VISHAY-BPV09NF_V01 Datasheet
135Kb / 4P
Silicon PIN Photodiode
24-Feb-2021
BPV10 VISHAY-BPV10 Datasheet
80Kb / 5P
Silicon PIN Photodiode
07-Apr-11
BPV10 VISHAY-BPV10 Datasheet
107Kb / 5P
Silicon PIN Photodiode, RoHS Compliant
08-Sep-08
More results

Similar Description - BPV

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
B3FV MSYSTEM-B3FV Datasheet
111Kb / 3P
Space-saving Two-wire Signal Conditioners B3-UNIT
B3VS1 MSYSTEM-B3VS1 Datasheet
104Kb / 3P
Space-saving Two-wire Signal Conditioners B3-UNIT
BCT MSYSTEM-BCT Datasheet
112Kb / 3P
Space-saving Two-wire Signal Conditioners B-UNIT
BLC MSYSTEM-BLC Datasheet
105Kb / 2P
Space-saving Two-wire Signal Conditioners B-UNIT
BM MSYSTEM-BM Datasheet
103Kb / 2P
Space-saving Two-wire Signal Conditioners B-UNIT
BPT MSYSTEM-BPT Datasheet
104Kb / 2P
Space-saving Two-wire Signal Conditioners B-UNIT
BSN MSYSTEM-BSN Datasheet
110Kb / 3P
Space-saving Two-wire Signal Conditioners B-UNIT
BSP MSYSTEM-BSP Datasheet
104Kb / 2P
Space-saving Two-wire Signal Conditioners B-UNIT
BTS MSYSTEM-BTS Datasheet
115Kb / 3P
Space-saving Two-wire Signal Conditioners B-UNIT
BVS MSYSTEM-BVS Datasheet
116Kb / 3P
Space-saving Two-wire Signal Conditioners B-UNIT
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com