Electronic Components Datasheet Search
  English  ▼

X  

BVS-2 Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # BVS-2
Description  Space-saving Two-wire Signal Conditioners B-UNIT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

BVS-2 Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  BVS-2 Datasheet HTML 1Page - M-System Co.,Ltd. BVS-2 Datasheet HTML 2Page - M-System Co.,Ltd. BVS-2 Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MODEL: BVS
BVS SPECIFICATIONS
ES-3118 Rev.11 Page 1/3
https://www.m-system.co.jp/
Space-saving Two-wire Signal Conditioners B-UNIT
SIGNAL TRANSMITTER
(isolated)
Functions & Features
• Converts a DC input into a standard 4 – 20 mA DC signal
• Monitor terminals
• High-density mounting
26 (1.02)
93
(3.66)
mm (inch)
137
(5.39)
MODEL: BVS–[1][2]
ORDERING INFORMATION
• Code number: BVS-[1][2]
Specify a code from below for each of [1] and [2].
(e.g. BVS-6/CE/Q)
• Special input range (For codes Z & 0)
• Specify the specification for option code /Q
(e.g. /C01/S01)
[1] INPUT
Current
A: 4 – 20 mA DC (Input resistance 250 Ω)
B: 2 – 10 mA DC (Input resistance 500 Ω)
C: 1 – 5 mA DC (Input resistance 1000 Ω)
D: 0 – 20 mA DC (Input resistance 50 Ω)
E: 0 – 16 mA DC (Input resistance 62.5 Ω)
F: 0 – 10 mA DC (Input resistance 100 Ω)
G: 0 – 1 mA DC (Input resistance 1000 Ω)
H: 10 – 50 mA DC (Input resistance 100 Ω)
Z: Specify current (See INPUT SPECIFICATIONS)
(0 % or 50 % input must be equal to 0 mA.)
Voltage
1: 0 – 10 mV DC (Input resistance 20 kΩ min.)
2: 0 – 100 mV DC (Input resistance 100 kΩ min.)
3: 0 – 1 V DC (Input resistance 1 MΩ min.)
4: 0 – 10 V DC(Input resistance 2 MΩ min.)
5: 0 – 5 V DC (Input resistance 1 MΩ min.)
6: 1 – 5 V DC (Input resistance 1 MΩ min.)
0: Specify voltage (0 % or 50 % input must be equal to 0 V.)
[2] OPTIONS (multiple selections)
Standards & Approvals
blank: Without CE
/CE: CE marking
Other Options
blank: none
/Q: Option other than the above (specify the specification)
SPECIFICATIONS OF OPTION: Q (multiple selections)
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
TERMINAL SCREW MATERIAL
/S01: Stainless steel
GENERAL SPECIFICATIONS
Construction: Plug-in
Connection: M3.5 screw terminals (torque 0.8 N·m)
Screw terminal: Nickel-plated steel (standard) or stainless
steel
Housing material: Flame-resistant resin (black)
Isolation: Input to output
Zero adjustment: -5 to +5 % (front)
Span adjustment: 95 to 105 % (front)
INPUT SPECIFICATIONS
■ DC Current:
Shunt resistor attached to the input terminals (0.5 W)
Specify input resistance value for code Z.
■ DC Voltage: -300 – +300 V DC (-30 – +30 V for CE)
Minimum span: 10 mV (max. 30 V for CE)
Input resistance
(Span) 10 – 100 mV : 20 k (Ω minimum)
0.1 – 1 V : 100 k
1 – 10 V : 1 M
≥ 10 V : 2 M


Similar Part No. - BVS-2

ManufacturerPart #DatasheetDescription
logo
Bright View Electronic ...
BVS-166BK2 BVLED-BVS-166BK2 Datasheet
208Kb / 5P
SUPER BRIGHTNESS SMD LED
BVS-166FE2-H BVLED-BVS-166FE2-H Datasheet
250Kb / 5P
SUPER BRIGHTNESS SMD LED
BVS-166G2 BVLED-BVS-166G2 Datasheet
164Kb / 4P
HIGH BRIGHTNESS SMD LED
BVS-166QD2 BVLED-BVS-166QD2 Datasheet
127Kb / 3P
SUPER BRIGHTNESS SMD LED
BVS-166QE2 BVLED-BVS-166QE2 Datasheet
127Kb / 3P
SUPER BRIGHTNESS SMD LED
More results

Similar Description - BVS-2

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
B3FV MSYSTEM-B3FV Datasheet
111Kb / 3P
Space-saving Two-wire Signal Conditioners B3-UNIT
B3VS1 MSYSTEM-B3VS1 Datasheet
104Kb / 3P
Space-saving Two-wire Signal Conditioners B3-UNIT
BCT MSYSTEM-BCT Datasheet
112Kb / 3P
Space-saving Two-wire Signal Conditioners B-UNIT
BLC MSYSTEM-BLC Datasheet
105Kb / 2P
Space-saving Two-wire Signal Conditioners B-UNIT
BM MSYSTEM-BM Datasheet
103Kb / 2P
Space-saving Two-wire Signal Conditioners B-UNIT
BPT MSYSTEM-BPT Datasheet
104Kb / 2P
Space-saving Two-wire Signal Conditioners B-UNIT
BPV MSYSTEM-BPV Datasheet
106Kb / 3P
Space-saving Two-wire Signal Conditioners B-UNIT
BSN MSYSTEM-BSN Datasheet
110Kb / 3P
Space-saving Two-wire Signal Conditioners B-UNIT
BSP MSYSTEM-BSP Datasheet
104Kb / 2P
Space-saving Two-wire Signal Conditioners B-UNIT
BTS MSYSTEM-BTS Datasheet
115Kb / 3P
Space-saving Two-wire Signal Conditioners B-UNIT
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com