Electronic Components Datasheet Search
  English  ▼

X  

HT75XX Datasheet(PDF) 2 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

Part # HT75XX
Description  Low Dropout Regulators
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
Direct Link  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

HT75XX Datasheet(HTML) 2 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

  HT75XX Datasheet HTML 1Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD HT75XX Datasheet HTML 2Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD HT75XX Datasheet HTML 3Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD HT75XX Datasheet HTML 4Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD HT75XX Datasheet HTML 5Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD HT75XX Datasheet HTML 6Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD HT75XX Datasheet HTML 7Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD HT75XX Datasheet HTML 8Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
HT75XX SOT-23 SOT23-3L SOT-89
2 / 8
www.yfwdiode.com
Dongguan YFW Electronics Co, Ltd.
Parameter
Limit
Unit
Supply voltage
-0.3 ~ +36
V
Storage temperature range
-50 ~ +125
℃
Operating temperature range
-40 ~ +85
℃
NOTE: 1.Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings only,
and functional operation of the device at these or any other conditions beyond those conditions is not implied. Exposure to absolute-
maximum-rated conditions for extended periods may affect device reliability.
HT7528
Parameter
Symbol
Value
Unit
Junction-to-Ambient Thermal Resistance
RθJA
200
℃/W
Power Consumption
PD
500
mW
Parameter
Symbol
Test conditions
Min.
Typ.
Max
Unit
Output voltage
VOUT
VIN=VOUT+2.0V, IOUT=10mA
2.744
2.80
2.856
V
Output current
IOUT
VIN=VOUT+2.0V
70
100
—
mA
Load regulation
ΔVOUT
VIN=VOUT+2.0V
1mA≤IOUT≤50mA
—
25
60
mV
VDIF
IOUT=1mA,ΔVOUT=2%
—
30
100
mV
Quiescent Current
IQ
No Load
—
2.5
3.0
μA
Line regulation
ΔVOUT / VOUT×
ΔVIN
VOUT+1.0V≤VIN≤30V,IOUT=1mA
—
—
0.2
%/V
Input voltage
VIN
—
—
—
36
V
Temperature
coefficient
ΔVOUT /VOUT×
ΔTA
VIN=VOUT+2.0V, IOUT=10mA,
-40℃≤TA≤85℃
—
100
—
ppm/℃
Voltage drop Note1
■
Absolute Maximum Ratings Ta = 25℃
■
Electrical Characteristics Ta = 25℃



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com