Electronic Components Datasheet Search
  English  ▼

X  

FAN54005UCX. Datasheet(PDF) 21 Page - ON Semiconductor

Part # FAN54005UCX.
Description  USB-Compliant Single-Cell Li-Ion Switching Charger with USB-OTG Boost for 200 mA to 1.45 A Systems
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FAN54005UCX. Datasheet(HTML) 21 Page - ON Semiconductor

Back Button FAN54005UCX. Datasheet HTML 17Page - ON Semiconductor FAN54005UCX. Datasheet HTML 18Page - ON Semiconductor FAN54005UCX. Datasheet HTML 19Page - ON Semiconductor FAN54005UCX. Datasheet HTML 20Page - ON Semiconductor FAN54005UCX. Datasheet HTML 21Page - ON Semiconductor FAN54005UCX. Datasheet HTML 22Page - ON Semiconductor FAN54005UCX. Datasheet HTML 23Page - ON Semiconductor FAN54005UCX. Datasheet HTML 24Page - ON Semiconductor FAN54005UCX. Datasheet HTML 25Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
FAN54005
www.onsemi.com
21
Flow Charts (Continued)
Charge
Configuration
State
T32Sec
ARMED AND
CE# = 0?
Charge State
YES
NO
VBAT < VOREG
for 262ms?
NO
YES
NO
YES
START T15Min
Has T15Min
and CE# = 0
CE
CE
Figure 38. Charge Configuration
Charge Start
Start T
15MIN
T
15MIN
Active?
Reset Registers
YES
NO
Start T
32SEC
Stop T
15MIN
I2C Write
received?
YES
T
15MIN
Expired?
NO
Continue
Charging
T
32SEC
Expired?
YES
NO
NO
YES
Timer Fault :
Set CE
CE
Figure 39. Timer Flow Chart
Dynamic Input Voltage Control
The FAN54005 has functionality that limits input current
in case a current−limited incompatible adapter is supplying
VBUS. These slowly increase the charging current until
either:
• IINLIM or IOCHARGE is reached
or
• VBUS=VSP.
If VBUS collapses to VSP when the current is ramping up, the
FAN54005 charges with an input current that keeps
VBUS=VSP. When the VSP control loop is limiting the charge
current, the SP bit (REG 05[4]) is set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com