Electronic Components Datasheet Search
  English  ▼

X  

BX1DL Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # BX1DL
Description  MOUNTING FRAME
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

BX1DL Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  BX1DL Datasheet HTML 1Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Specifications subject to change without notice.
ES-6691 Rev.4
MODEL
BX-1DL
MODEL & SUFFIX CODE SELECTION
MOUNTING FRAME
BX–1DL
MODEL
CAPACITY
1 unit
ORDERING INFORMATION
Specify code number. (e.g. BX-1DL)
GENERAL SPECIFICATIONS
Construction: angle bracket
Material:
SPCC; t=2.3
Coating:
melamine resin (black)
Capacity: 1 unit
EXTERNAL DIMENSIONS & MOUNTING REQUIREMENTS mm (inch)
sMOUNTING REQUIREMENTS
65 (2.56)
min.
ANGLE BRACKET
2–M5 SCREW
Functions & Features
• Used for mounting DLA type units on an angle
bracket
INSTALLATION
Operating temperature: -5 to +50
°C (23 to 131°F)
Operating humidity: 30 to 90% RH (non-condensing)
Mounting: angle bracket
Dimensions: W55.3
×H340×D50 mm (2.18"×1.34"×1.97")
Weight:
350 g (0.77 lbs)
6 (.24)
26.5 (1.04)
53 (2.09) 2.3 (.09)
10 (.39)
17 (.67)
50 (1.97)
33 (1.30)
2–M4 TAP
mm (inch)
55.3 (2.18)
340
(13.39)
P. 1 / 1


Similar Part No. - BX1DL

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
BX1196L PULSE-BX1196L Datasheet
64Kb / 1P
SHDSL LINE TRANSFORMERS For use with Infineon Chipset
BX1196L PULSE-BX1196L Datasheet
121Kb / 4P
BROADBAND xDSL, HPN, CMCs
logo
Schneider Electric
BX1400UI SCHNEIDER-BX1400UI Datasheet
134Kb / 3P
APC Back-UPS 1400VA
Aug 19, 2020
logo
Shenzhen Bencent Electr...
BX151N BENCENT-BX151N Datasheet
147Kb / 3P
Gas Discharge Tube
logo
M-System Co.,Ltd.
BX16G MSYSTEM-BX16G Datasheet
134Kb / 4P
STANDARD RACK MOUNTING FRAME
More results

Similar Description - BX1DL

ManufacturerPart #DatasheetDescription
logo
HuaXinAn Electronics CO...
NVFS HUAXINAN-NVFS Datasheet
365Kb / 1P
Insert mounting ,With metal frame.
logo
M-System Co.,Ltd.
BX16H MSYSTEM-BX16H Datasheet
91Kb / 3P
STANDARD RACK MOUNTING FRAME
BX16G MSYSTEM-BX16G Datasheet
134Kb / 4P
STANDARD RACK MOUNTING FRAME
logo
PHOENIX CONTACT
1409140 PHOENIX-1409140 Datasheet
43Kb / 2P
19" mounting frame - CUC-PP-FRAME-19 BK
1407986 PHOENIX-1407986 Datasheet
43Kb / 2P
19 mounting frame - CUC-PP-FRAME-1
logo
HARTING Technology Grou...
09-40-000-9953 HARTING-09-40-000-9953 Datasheet
512Kb / 2P
Mounting Frame Han 24HPR enlarged
2021-10-01
09-40-124-9921 HARTING-09-40-124-9921 Datasheet
536Kb / 1P
Han 24HPR VarioShell Mounting frame
2021-10-01
09-40-506-9901 HARTING-09-40-506-9901 Datasheet
476Kb / 1P
Han 6HPR-Compact mounting frame
2021-11-30
09-40-516-9901 HARTING-09-40-516-9901 Datasheet
473Kb / 1P
Han 16HPR-Compact mounting frame
2021-11-30
09-40-524-9901 HARTING-09-40-524-9901 Datasheet
474Kb / 2P
Han 24HPR-Compact mounting frame
2021-11-30
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com