Electronic Components Datasheet Search
  English  ▼

X  

CND Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # CND
Description  Multiplex Transmission System
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

CND Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  CND Datasheet HTML 1Page - M-System Co.,Ltd. CND Datasheet HTML 2Page - M-System Co.,Ltd. CND Datasheet HTML 3Page - M-System Co.,Ltd. CND Datasheet HTML 4Page - M-System Co.,Ltd. CND Datasheet HTML 5Page - M-System Co.,Ltd. CND Datasheet HTML 6Page - M-System Co.,Ltd. CND Datasheet HTML 7Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
MODEL: CND
http://www.m-system.co.jp/
CND SPECIFICATIONS
ES-6689 Rev.2 Page 1/7
Multiplex Transmission System
ADAPTOR CONNECTOR
Functions & Features
• Simplifies wiring work between multiplex transmission
units (DLA1) and 10-RACK, 15-RACK and 18-RACK signal
conditioner modules
SA2
SA1
RUN
POW
MODEL: CND–[1]
ORDERING INFORMATION
• Code number: CND-[1]
Specify a code from below for [1]
(e.g. CND-11)
[1] CONNECTOR
(DLA1 I/O model suffix code – connected equipment)
11: G1 (Ai 32) – 10/18-Rack*
M1 (Ao 32) – 10/18-Rack*
12: R1 (Ai 16 / Ao 16) – 10/18-Rack*
21: G1 (Ai 32) – 15-Rack*
M1 (Ao 32) – 15-Rack*
22: R1 (Ai 16 / Ao 16) – 15-Rack*
31: A1, A2, C1, C2, C3, C4, E1, E2, G1, M1, P1, R1,
S1 – Connector Terminal Block (CNT)*
71: C1 (Do 32) – OMRON I/O relay terminal**
(for G7TC-OC16 output)
72: C2 (Do 32) – OMRON I/O relay terminal**
(for G7TC-OC16 output)
81: M1 (Ao 32) – YOKOGAWA DCS card**
VM1 x 2 (KS2 cable)
82: R1 (Ai 16 / Ao 16) – YOKOGAWA DCS card**
VM2 x 2 (KS2 cable)
83: A2 (Di 64) or C3 (Do 64) – YOKOGAWA DCS card**
ST5 / ST6 / ST7 (KS9 cable)
84: R1 (Ai 16 / Ao 16) – YOKOGAWA DCS card**
VM4, VM1 (KS2 cable)
86: C2 (Do 32) – YOKOGAWA DCS card**
ST2 / ST3 (KS2 cable)
87: A1 (Di 32) – YOKOGAWA DCS card**
ST2 / ST4 (KS2 cable)
88: E2 (Di 16 / Do 16) – YOKOGAWA DCS card**
ST2 (KS2 cable)
89: C1 (Do 32) – YOKOGAWA DCS card**
ST2 / ST3 (KS2 cable)
8A: A1 (Di 32) – YOKOGAWA DCS card**
ST7 (KS9 cable)
8B: C1 (Do 32) – YOKOGAWA DCS card**
ST6 (KS9 cable)
*FUJITSU FCN type connector
(model: FCN-36xP040-AU)
**M-System guarantees the connecting section
RELATED PRODUCTS
• Standard rack (for 10/15/18-Rack)
• Connector terminal block (model: CNT)
• Special cable with 40-pin connector (model: FCN)
GENERAL SPECIFICATIONS
Construction: Metal plates assembly
Material: SPCC
Coating: Melamine resin
Color: Black
INSTALLATION
Operating temperature: -5 to +55°C (23 to 131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Mounting: Attached to the front of DLA1 unit
Weight
Standard: 450 g (0.99 lbs)
CND-83: 250 g (0.55 lbs)
PERFORMANCE
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 1000 V AC @ 1 minute
(I/O connector to metal housing)


Similar Part No. - CND

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
CND KOA-CND Datasheet
444Kb / 2P
bussed square corner resistor array
logo
Panasonic Semiconductor
CND0004A PANASONIC-CND0004A Datasheet
47Kb / 3P
Optical Transceiver Module for IrDA
CND0201A PANASONIC-CND0201A Datasheet
32Kb / 2P
Optical Transmission Module for IrDA
logo
KOA Speer Electronics, ...
CND1J10KTTD KOA-CND1J10KTTD Datasheet
113Kb / 4P
Chip Networks Resistors
CND1J10KTTE KOA-CND1J10KTTE Datasheet
113Kb / 4P
Chip Networks Resistors
More results

Similar Description - CND

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM6636B OKI-MSM6636B Datasheet
102Kb / 13P
SAE-J1850 Multiplex Communication Protocol Conformity Transmission Controller for Automotive LAN
logo
Toshiba Semiconductor
TLP113 TOSHIBA-TLP113 Datasheet
218Kb / 8P
Isolated Line Receiver Simplex / Multiplex Data Transmission Computer.Peripheral Interface Microprocessor System Interface Digital Isolation For A / D
logo
List of Unclassifed Man...
AN5825 ETC1-AN5825 Datasheet
282Kb / 4P
TV MULTIPLEX SOUND SYSTEM DEMODULATOR
logo
Toshiba Semiconductor
TLP2601 TOSHIBA-TLP2601_07 Datasheet
229Kb / 9P
Simplex / Multiplex Data Transmission
TLP554 TOSHIBA-TLP554_07 Datasheet
370Kb / 8P
SIMPLEX/MULTIPLEX DATA TRANSMISSION
TLP113TPRF TOSHIBA-TLP113TPRF Datasheet
204Kb / 8P
Isolated Line Receiver Simplex / Multiplex Data Transmission
logo
M-System Co.,Ltd.
22LA1 MSYSTEM-22LA1 Datasheet
436Kb / 22P
Multiplex Transmission System
DAL4 MSYSTEM-DAL4 Datasheet
153Kb / 6P
Multiplex Transmission System
DLA1 MSYSTEM-DLA1 Datasheet
577Kb / 33P
Multiplex Transmission System
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com