Electronic Components Datasheet Search
  English  ▼

X  

DAST20 Datasheet(PDF) 5 Page - M-System Co.,Ltd.

Part # DAST20
Description  Telemetering System
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

DAST20 Datasheet(HTML) 5 Page - M-System Co.,Ltd.

  DAST20 Datasheet HTML 1Page - M-System Co.,Ltd. DAST20 Datasheet HTML 2Page - M-System Co.,Ltd. DAST20 Datasheet HTML 3Page - M-System Co.,Ltd. DAST20 Datasheet HTML 4Page - M-System Co.,Ltd. DAST20 Datasheet HTML 5Page - M-System Co.,Ltd. DAST20 Datasheet HTML 6Page - M-System Co.,Ltd. DAST20 Datasheet HTML 7Page - M-System Co.,Ltd. DAST20 Datasheet HTML 8Page - M-System Co.,Ltd. DAST20 Datasheet HTML 9Page - M-System Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
MODEL: DAST-20
DAST-20 SPECIFICATIONS
ES-5921 Rev.8 Page 5/22
http://www.m-system.co.jp/
EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENTS unit: mm (inch)
100 (3.94)
180 (7.09)
156 (6.14)
70 (2.76) min.
PIN TERMINAL
PHOENIX AI1.5-8BK RECOMMENDED
MULTI-STRAND CABLE: 1.25 mm2
SOLID CABLE
1.4 dia.
SCREWDRIVER (–)
Remove cover.
8 mm
• Wiring Procedure of DIN Terminals
Shape of the lightning arrester changes according to model No.
10 (.39)
SYSTEM DESCRIPTIONS
Power Source
DAST-20 Master Station
Lightning Arrester
for Power Supply
(model: MA-100)
Power Source
DAST-20 Local Station
Lightning Arrester
for Power Supply
(model: MA-100)
Leased
Telephone
Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com