Electronic Components Datasheet Search
  English  ▼

X  

LDS Datasheet(PDF) 2 Page - TE Connectivity Ltd

Part # LDS
Description  HORIZONTAL SHORT-SWING LIQUID LEVEL SENSORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

LDS Datasheet(HTML) 2 Page - TE Connectivity Ltd

  LDS Datasheet HTML 1Page - TE Connectivity Ltd LDS Datasheet HTML 2Page - TE Connectivity Ltd LDS Datasheet HTML 3Page - TE Connectivity Ltd LDS Datasheet HTML 4Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
LIQUID LEVEL SWITCH
LDS Series
TE CONNECTIVITY SENSORS /// LDS SERIES
10/2020
Page 2
Absolute Maximum Ratings (1)
Parameter
Min
Max
Units
Notes/Conditions
DC contact voltage (SPST)
200
V
Do not exceed 70W
DC contact current (SPST)
1.0
A
RMS contact voltage (SPST)
250
V
RMS contact current (SPST)
1.0
A
Storage and operating temperature
-30
105
°C
Fitting pressure
-1.0
4.7
Bar
Internal tank pressure
Tank wall thickness (Internal mount)
1.0
10
mm
Tank wall thickness(External mount)
1.0
4.0
mm
(1) Maximum limits the device will withstand without damage
Product Specifications
Parameter
Details & Options
Mounting Orientation
Side entry
Fitting
M16 x 2.0 Internal or External
Switch Operation
N.C. when float is horizontal
Contact Forms
Form A (SPST)
Contact Material
Ruthenium
Contact resistance (max)
140 mΩ
Housing and Float Material
Glass filled nylon 6.6 (better for oil, fuel, non-ionic liquids)
Glass filled Polypropylene (better for water and aqueous solutions)
Cable Description
18 AWG 32/0.2mm PVC insulated, UL/CSA/BS6361
Shock
±50g 11ms half sign duration
Vibration
±35g 0 – 500Hz
Ambient Humidity
0 – 95% RH (non-condensing)
Ingress protection
IP68 (wetted surfaces)
IP65 (non-wetted surfaces)
Approvals & Certifications
UL file E98428



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com