Electronic Components Datasheet Search
  English  ▼

X  

DL8 Datasheet(PDF) 7 Page - M-System Co.,Ltd.

Part # DL8
Description  WEB-ENABLED REMOTE TERMINAL UNIT
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

DL8 Datasheet(HTML) 7 Page - M-System Co.,Ltd.

  DL8 Datasheet HTML 1Page - M-System Co.,Ltd. DL8 Datasheet HTML 2Page - M-System Co.,Ltd. DL8 Datasheet HTML 3Page - M-System Co.,Ltd. DL8 Datasheet HTML 4Page - M-System Co.,Ltd. DL8 Datasheet HTML 5Page - M-System Co.,Ltd. DL8 Datasheet HTML 6Page - M-System Co.,Ltd. DL8 Datasheet HTML 7Page - M-System Co.,Ltd. DL8 Datasheet HTML 8Page - M-System Co.,Ltd. DL8 Datasheet HTML 9Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
MODEL: DL8
DL8 SPECIFICATIONS
ES-7691 Rev.18 Page 7/9
https://www.m-system.co.jp/
SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM
Note: In order to improve EMC performance, bond the FE terminal to ground.
Caution: FE terminal is NOT a protective conductor terminal.
INTERNAL POWER (5 V)
INTERNAL BUS
Comm
Circuit
Control
Ciruict
EXC. SUPPLY (24 V)
MINIATURE JACK
RJ-45 CONNECTOR
SD CARD SLOT
DLCFG
MINIATURE JACK
R8CFG
Ethenet
LED
FUNCTION
SETTING SW
+24V
0V
FE
Power Circuit
(non isolated)
RUN CONTACT
OUTPUT
RUN
Isolation
Isolation
COMMUNICATION
IP:
DHCP client is supported. Manual setting of IP address,
subnet mask, default gateway and DNS server available too.
Modbus/TCP slave:
Remote observation system via SCADA etc.
Number of connections 4
Modbus/TCP master:
I/O expansion with remote I/O, e.g. R3 or R7 series, is
available. Measuring points in multiple locations can be
handled collectively.
SLMP Client:
DL8 allows I/O expansion by connecting with the SLMP-
compatible CPU unit of Mitsubishi programmable-controller
MELSEC; and collectively handles data from measuring
points in multiple locations.
Web server function (Direct):
This unit can be a Web server, and 'Data,' 'Trend' and 'Event
Log' views are available from remote location.
Web server function (Cloud):
This unit can be an FTP client, and upload the Web files to a
cloud server.
Users can browse the cloud server.
Multiple users can access it at once without extra load at
the unit. (only browsing, operation not available.)
Analog input: 32 points
Discrete input: 64 points
Pulse input: 32 points
Diescrete output: 64 points
Analog output: 32 points (firmware version of the unit: 1.4.x
or later)
* For pulse input, only 32 bit data is available. It is not
available for the products using 16 bit data (model: R3-PA16
etc.).
ALARM OUTPUT (Type B, C, D & E)
Event can trigger an alarm contact at a discrete output
module.
•Transition of analog input zone
•Transition of pulse input zone
•Status change of discrete input
•Count up of discrete input
EVENT REPORTING E-MAIL (Type B, C, D & E)
Reporting e-mail function available at event or designated
time.
Encrypted communication is supported. (SMTP over SSL).
The DL8 turns a designated Do ON after transmitting the
report.
· Number of e-mail attention: 32
· Number of event report text: 32
· Number of regular report text: 1
· Channel status: AI, DI, PI, DO, AO status attachable to e-
mail
(DO and AO are available with firmware version of the unit
1.4.x or later)
· Output at transmitting failure: 1 point
LOGGING (Type C, D & E)
Log files in text format are stored into an SD card. The
number of logs depends on the free space of the SD card.
Log file: System log, event log, e-mail report log, channel



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com