Electronic Components Datasheet Search
  English  ▼

X  

DL30 Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # DL30
Description  WEB-ENABLED REMOTE TERMINAL UNIT
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

DL30 Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  DL30 Datasheet HTML 1Page - M-System Co.,Ltd. DL30 Datasheet HTML 2Page - M-System Co.,Ltd. DL30 Datasheet HTML 3Page - M-System Co.,Ltd. DL30 Datasheet HTML 4Page - M-System Co.,Ltd. DL30 Datasheet HTML 5Page - M-System Co.,Ltd. DL30 Datasheet HTML 6Page - M-System Co.,Ltd. DL30 Datasheet HTML 7Page - M-System Co.,Ltd. DL30 Datasheet HTML 8Page - M-System Co.,Ltd. DL30 Datasheet HTML 9Page - M-System Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
MODEL: DL30
DL30 SPECIFICATIONS
ES-8571 Rev.6 Page 2/11
https://www.m-system.co.jp/
• PC configurator software (model: R30CFG)
• User-defined web browser screen designing software
(model: DL30 Web Designer)
• Local certification authority creator (model: LCA-DL30)
Software downloadable at M-System’s web site.
• SD card
An SD card is required to store data in the unit.
Use an SD card of the designated model number which is
available commercially and from M-System.
- Hagiwara Solutions NSD6-016GH(B20SEI,
NSD6-004GH(B21SEI
(NSD6-004GH(A00SDI ... discontinued)
GENERAL SPECIFICATIONS
Connection
RUN contact output, power supply: M3 separable screw
terminal (torque 0.5 N·m)
Ethernet: RJ-45 modular jack
Internal bus: Via the Installation Base (model: R30BS)
Internal power supply: Via the Installation Base (model:
R30BS)
Solderless terminal: Refer to the Applicable Solderless
Terminal Size drawing.
Recommended manufacturer: Japan Solderless Terminal
MFG.Co.Ltd, Nichifu Co.,ltd
(Ones with insulation sleeve do not fit.)
Applicable wire size: 0.25 – 0.75 mm2
Screw terminal: Nickel-plated steel
Housing material: Flame-resistant resin (gray)
Max. number of R30 I/O modules: 16
(Max. consumption current of I/O modules: 500 mA)
Isolation: Ethernet to internal bus or internal power to RUN
contact output to power supply to FE
Calendar clock: Year (4 digits), month, date, day, hour,
minute, second
Internal bus communication cycle: Approx. ≤ 1 msec. (when
max. No. of modules connected )
Status Indicator LEDs: PWR, RUN, DL30 RUN, LOGGING,
SD CARD, MAINT, ERROR
(Refer to Operating Manual for details)
■ RUN CONTACT OUTPUT
RUN contact turns ON in normal conditions, and turns OFF
when the power is not supplied or when an error occurs
(internal memory error, SD card error, or R30 module error).
Rated load: 250 V AC @ 0.5 A (cos ø = 1)
30 V DC @ 0.5 A (resistive load)
(Less than 50 V AC to conform with EU Directive)
Maximum switching voltage: 250 V AC or 30 V DC
Maximum switching power: 250 VA (AC) or 150 W (DC)
Minimum load: 5 V DC @ 10 mA
Mechanical life: 2 × 107 cycles (rate: 300 cycles/min.)
When driving an inductive load, external contact protection
and noise quenching recommended.
■Recommended solderless terminal size - M3 (unit: mm)
12 max.
3 max.
3.2 dia.
R30 CONNECTION
■ DL30 INSTALL POSITION
Install DL30 on the R30BS using the PWR slot (the leftmost
slot) and the COM slot to the right of the PWR slot.
■ COMPATIBLE R30 SERIES MODULES
TYPE
MODEL
Base
R30BS
Discrete input
R30XN16A
Discrete output
R30YN16A
R30YN16C
DC voltage/current input
R30SV2
R30SV4
DC voltage/current input, high speed R30SVF4
DC voltage/current output
R30YV4
R30YS4
Thermocouple input
R30TS4
RTD input
R30RS4
Potentiometer input
R30MS4
AC current input
R30CT4E
Universal input
R30US2
R30US4
Totalized pulse input
R30PA2
Blank filler module
R30DM
Interface I/O module
R30GCIE1
R30GECT1
ETHERNET COMMUNICATION
Communication Standard: IEEE 802.3u
Transmission: 10BASE-T, 100BASE-TX
Baud rate: 10/100 Mbps (Auto Negotiation function)
Protocol: TCP/IP, Modbus/TCP, SLMP, HTTP, HTTPS, SMTP,
FTP, FTPS, SNTP
Transmission media: 10BASE-T (STP, Category 5) 100BASE-
TX (STP, Category 5e)
Max. segment length: 100 meters
Status Indicator LEDs: DPX, LNK
IP address: 192.168.0.1 (factory default)
INSTALLATION
Power consumption
•DC: Approx. 18 W 24 V DC (@ output current max. 500
mA)
Internal power



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com