Electronic Components Datasheet Search
  English  ▼

X  

HDC4 Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # HDC4
Description  DC POWER SUPPLY
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

HDC4 Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  HDC4 Datasheet HTML 1Page - M-System Co.,Ltd. HDC4 Datasheet HTML 2Page - M-System Co.,Ltd. HDC4 Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MODEL: HDC4
http://www.m-system.co.jp/
HDC4 SPECIFICATIONS
ES-3497 Rev.5 Page 1/3
DC POWER SUPPLY
Functions & Features
• Accepting 85 – 132 V or 170 – 264 V AC and providing
regulated 24 V DC output
• Rack & DIN rail mounting
40 (1.57)
92
(3.62)
DIN rail mounting
mm (inch)
130
(5.12)
MODEL: HDC4–[1]–[2]
ORDERING INFORMATION
• Code number: HDC4-[1]-[2]
Specify a code from below for each [1] and [2].
(e.g. HDC4-K-D)
OUTPUT VOLTAGE
24 V DC
[1] POWER INPUT
AC Power
K: 85 – 132 V AC
(Operational voltage range 85 – 132 V, 47 – 440 Hz)
L: 170 – 264 V AC
(Operational voltage range 170 – 264 V, 47 – 440 Hz)
[2] MOUNTING
R: Rack
D: DIN rail
GENERAL SPECIFICATIONS
Construction: Front terminal access; terminal cover
provided
Connection: M4 screw terminals (torque 0.8 N·m)
Screw terminal: Nickel-plated brass
Isolation: output to power to FG
SUPPLY OUTPUT
■ Output voltage: 24 V DC ±3 % (adjustable on the front
panel), ripple 1.5 %p-p max.
Typical load current: 2.0 A
Maximum load current: 2.5 A @ 1 minute
Overload protection: Current restriction in the voltage drop
characteristics (automatic recovery)
Overload voltage protection: No output; Recovers when the
power input is turned off and on.
INSTALLATION
Operating temperature: 0 to 50°C (32 to 122°F)
Operating humidity: 30 to 85 %RH (non-condensing)
Dimensions
Rack mounting: W36 × H99 × D126 mm
(1.42" × 3.90" × 4.96")
DIN rail mounting: W40 × H92 × D130 mm
(1.57" × 3.62" × 5.12")
Weight
Rack mounting: 420 g (0.93 lb)
DIN rail mounting: 300 g (0.66 lb)
PERFORMANCE % of output voltage
Temp. coefficient: ±0.03 %/°C (±0.02 %/°F)
Load effect: 0.9% (load current: 0 – 2 A)
Insulation resistance: ≥ 50 MΩ with 500 V DC
Dielectric strength: 1500 V AC @ 1 minute for 85 – 132 V
AC; 2500 V AC @ 1 minute for 170 – 264 V AC (output to
power, power to FG)
500 V AC @ 1 minute (output to FG)


Similar Part No. - HDC4

ManufacturerPart #DatasheetDescription
logo
HITRON ELECTRONICS CORP...
HDC400P-24B HITRON-HDC400P-24B Datasheet
197Kb / 2P
18-36 OR 36-72VDC INPUT RANGE DC-DC CONVERTER HOT-SWAP CompactPCI QUAD OUTPUT 400 WATTS ACTIVE CURRENT SHARING SWITCHING POWER SUPPLIES
HDC400P-24B-490 HITRON-HDC400P-24B-490 Datasheet
197Kb / 2P
18-36 OR 36-72VDC INPUT RANGE DC-DC CONVERTER HOT-SWAP CompactPCI QUAD OUTPUT 400 WATTS ACTIVE CURRENT SHARING SWITCHING POWER SUPPLIES
HDC400P-48B-490 HITRON-HDC400P-48B-490 Datasheet
197Kb / 2P
18-36 OR 36-72VDC INPUT RANGE DC-DC CONVERTER HOT-SWAP CompactPCI QUAD OUTPUT 400 WATTS ACTIVE CURRENT SHARING SWITCHING POWER SUPPLIES
HDC400P-48B-490 HITRON-HDC400P-48B-490 Datasheet
317Kb / 2P
400W 6U X 8HP EUROCARD PACKAGE
HDC400P-48B-490 HITRON-HDC400P-48B-490_11 Datasheet
317Kb / 2P
400W 6U X 8HP EUROCARD PACKAGE
More results

Similar Description - HDC4

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
TPS_DNX301 CANDD-TPS_DNX301 Datasheet
130Kb / 4P
DC/DC Power Supply
TPS_DNX350 CANDD-TPS_DNX350 Datasheet
131Kb / 4P
DC/DC Power Supply
logo
XFMRS Inc.
XFEB321611-101 XFMRS-XFEB321611-101 Datasheet
26Kb / 1P
DC POWER SUPPLY
XFEB321611-101-04A XFMRS-XFEB321611-101-04A Datasheet
23Kb / 1P
DC POWER SUPPLY
XFEB321611-102-1A XFMRS-XFEB321611-102-1A Datasheet
74Kb / 2P
DC POWER SUPPLY
XFEI100505-4N7S XFMRS-XFEI100505-4N7S Datasheet
57Kb / 1P
DC POWER SUPPLY
logo
M-System Co.,Ltd.
HDC1 MSYSTEM-HDC1 Datasheet
67Kb / 2P
DC POWER SUPPLY
HDC9 MSYSTEM-HDC9 Datasheet
94Kb / 1P
DC POWER SUPPLY
MDC5 MSYSTEM-MDC5 Datasheet
144Kb / 2P
DC POWER SUPPLY
logo
Pepperl+Fuchs Inc.
PSU1100-J1-DC-N0 PF-PSU1100-J1-DC-N0 Datasheet
479Kb / 3P
DC Power Supply
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com