Electronic Components Datasheet Search
  English  ▼

X  

HDC1 Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # HDC1
Description  DC POWER SUPPLY
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

HDC1 Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  HDC1 Datasheet HTML 1Page - M-System Co.,Ltd. HDC1 Datasheet HTML 2Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ES-3496 Rev.4
MODEL
HDC1
Functions & Features
• Accepting 85 – 132V AC and providing regulated
24V DC output
MODEL & SUFFIX CODE SELECTION
HDC1–K
MODEL
POWER INPUT
K : 85 – 132V AC
26 (1.02)
93
(3.66)
mm (inch)
137
(5.39)
DC POWER SUPPLY
ORDERING INFORMATION
Specify code number. (e.g. HDC1-K)
GENERAL SPECIFICATIONS
Construction: plug-in
Connection: M3.5 screw terminals (nickel-plated
steel; torque
≤0.8 N·m)
Housing material: flame-resistant resin (black)
Power fuse: 1A incorporated at input side
SUPPLY OUTPUT
Output voltage: 24V DC
±3%; ripple 100mV p-p max.
Typical load current: 350mA
Maximum load current: 450mA @1 minute
Overload protection: voltage drop characteristics
(automatic recovery)
Overload detection level: 500 – 800mA
INSTALLATION
Power input: 85 – 132V AC, 0.35A max.
Operating temperature: 0 to 50
°C (32 to 122°F)
Operating humidity: 30 to 90% RH (non-condensing)
Mounting: surface or DIN rail; Standard Rack
Mounting Frame BX-16H available
Dimensions: W26
×H93×D137 mm (1.02"×3.66"×5.39")
Weight:
200 g (0.44 lbs)
PERFORMANCE
Insulation resistance:
≥100MΩ with 500V DC
Dielectric strength: 2000V AC @1 minute
(power to output or ground)
P. 1 / 2


Similar Part No. - HDC1

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
HDC10 MSYSTEM-HDC10 Datasheet
93Kb / 1P
DC POWER SUPPLY
logo
Texas Instruments
HDC1000 TI1-HDC1000 Datasheet
1Mb / 31P
Low Power, High Accuracy Digital Humidity Sensor with Temperature Sensor
HDC1000 TI2-HDC1000 Datasheet
1,009Kb / 30P
HDC1000 Low Power, High Accuracy Digital Humidity Sensor with Temperature Sensor
REVISED JANUARY 2016
HDC1000YPAR TI1-HDC1000YPAR Datasheet
1Mb / 31P
Low Power, High Accuracy Digital Humidity Sensor with Temperature Sensor
HDC1000YPAR TI2-HDC1000YPAR Datasheet
1,009Kb / 30P
HDC1000 Low Power, High Accuracy Digital Humidity Sensor with Temperature Sensor
REVISED JANUARY 2016
More results

Similar Description - HDC1

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
TPS_DNX301 CANDD-TPS_DNX301 Datasheet
130Kb / 4P
DC/DC Power Supply
TPS_DNX350 CANDD-TPS_DNX350 Datasheet
131Kb / 4P
DC/DC Power Supply
logo
XFMRS Inc.
XFEB321611-101 XFMRS-XFEB321611-101 Datasheet
26Kb / 1P
DC POWER SUPPLY
XFEB321611-101-04A XFMRS-XFEB321611-101-04A Datasheet
23Kb / 1P
DC POWER SUPPLY
XFEB321611-102-1A XFMRS-XFEB321611-102-1A Datasheet
74Kb / 2P
DC POWER SUPPLY
XFEB321611-501-3A XFMRS-XFEB321611-501-3A Datasheet
78Kb / 1P
DC POWER SUPPLY
XFEI100505-4N7S XFMRS-XFEI100505-4N7S Datasheet
57Kb / 1P
DC POWER SUPPLY
logo
M-System Co.,Ltd.
HDC9 MSYSTEM-HDC9 Datasheet
94Kb / 1P
DC POWER SUPPLY
MDC5 MSYSTEM-MDC5 Datasheet
144Kb / 2P
DC POWER SUPPLY
logo
Pepperl+Fuchs Inc.
PSU1100-J1-DC-N0 PF-PSU1100-J1-DC-N0 Datasheet
479Kb / 3P
DC Power Supply
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com