Electronic Components Datasheet Search
  English  ▼

X  

ISOS141FDBQSEP Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # ISOS141FDBQSEP
Description  ISOS141-SEP Radiation Tolerant High-Speed Quad-Channel Digital Isolator
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISOS141FDBQSEP Datasheet(HTML) 13 Page - Texas Instruments

Back Button ISOS141FDBQSEP Datasheet HTML 9Page - Texas Instruments ISOS141FDBQSEP Datasheet HTML 10Page - Texas Instruments ISOS141FDBQSEP Datasheet HTML 11Page - Texas Instruments ISOS141FDBQSEP Datasheet HTML 12Page - Texas Instruments ISOS141FDBQSEP Datasheet HTML 13Page - Texas Instruments ISOS141FDBQSEP Datasheet HTML 14Page - Texas Instruments ISOS141FDBQSEP Datasheet HTML 15Page - Texas Instruments ISOS141FDBQSEP Datasheet HTML 16Page - Texas Instruments ISOS141FDBQSEP Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
6.16 Switching Characteristics—3.3-V Supply
VCC1 = VCC2 = 3.3 V ±10% (over recommended operating conditions unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPLH, tPHL
Propagation delay time
See Figure 8-1
11
16
ns
PWD
Pulse width distortion(1) |tPHL – tPLH|
5
ns
tsk(o)
Channel-to-channel output skew time(2)
Same-direction channels
4.1
ns
tsk(pp)
Part-to-part skew time(3)
4.5
ns
tr
Output signal rise time
See Figure 8-1
1.3
3
ns
tf
Output signal fall time
1.3
3
ns
tPHZ
Disable propagation delay, high-to-high impedance output
See Figure 8-2
17
30
ns
tPLZ
Disable propagation delay, low-to-high impedance output
17
30
ns
tPZH
Enable propagation delay, high impedance-to-high output for
ISOS141 with F suffix
3.2
8.5
µs
tPZL
Enable propagation delay, high impedance-to-low output for
ISOS141 with F suffix
17
30
ns
tDO
Default output delay time from input power loss
Measured from the time VCC goes
below 1.7V. See Figure 8-3
0.1
0.3
µs
tie
Time interval error
216 – 1 PRBS data at 100 Mbps
0.9
ns
(1)
Also known as pulse skew.
(2)
tsk(o) is the skew between outputs of a single device with all driving inputs connected together and the outputs switching in the same
direction while driving identical loads.
(3)
tsk(pp) is the magnitude of the difference in propagation delay times between any terminals of different devices switching in the same
direction while operating at identical supply voltages, temperature, input signals and loads.
www.ti.com
ISOS141-SEP
SLLSFN1 – MAY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: ISOS141-SEP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com