Electronic Components Datasheet Search
  English  ▼

X  

ISOS141FDBQTSEP Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # ISOS141FDBQTSEP
Description  ISOS141-SEP Radiation Tolerant High-Speed Quad-Channel Digital Isolator
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISOS141FDBQTSEP Datasheet(HTML) 21 Page - Texas Instruments

Back Button ISOS141FDBQTSEP Datasheet HTML 17Page - Texas Instruments ISOS141FDBQTSEP Datasheet HTML 18Page - Texas Instruments ISOS141FDBQTSEP Datasheet HTML 19Page - Texas Instruments ISOS141FDBQTSEP Datasheet HTML 20Page - Texas Instruments ISOS141FDBQTSEP Datasheet HTML 21Page - Texas Instruments ISOS141FDBQTSEP Datasheet HTML 22Page - Texas Instruments ISOS141FDBQTSEP Datasheet HTML 23Page - Texas Instruments ISOS141FDBQTSEP Datasheet HTML 24Page - Texas Instruments ISOS141FDBQTSEP Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
9.3 Feature Description
Table 9-1 provides an overview of the device features.
Table 9-1. Device Features
PART NUMBER
CHANNEL DIRECTION
MAXIMUM DATA
RATE
DEFAULT
OUTPUT
PACKAGE
RATED ISOLATION(1)
ISOS141-SEP
With F suffix
3 Forward,
1 Reverse
100 Mbps
Low
DBQ-16
3000 VRMS / 4242 VPK
(1)
See Section 6.7 for detailed isolation ratings.
9.3.1 Radiation Tolerance
Total Ionizing Dose (TID)— ISOS141-SEP is a radiation tolerant, TI Space Enhanced Plastic (Space EP)
device, and as such it has a Total Ionizing Dose (TID) level specified in the “Device Information” table on the
front page. Testing and qualification of these products is done on a wafer level according to MIL-STD-883,
Test Method 1019. Radiation Lot Acceptance Testing (RLAT) is performed at the 30-krad TID levels. A TID
characterization report is available. Group E TID RLAT data are available with lot shipments as part of the QCI
summary reports.
Single-Event Effects (SEE)— one-time SEE characterization was performed according to EIA/JEDEC
standard, EIA/JEDEC57 to linear energy transfer (LET) = 43 MeV
⋅cm2/mg. During testing, no Single-Event
Latch-Up (SEL) or Single-Event Dielectric Rupture (SEDR) were observed.
Neutron Displacement Damage (NDD)— ISOS141-SEP was irradiated up to 1 × 1012 n/cm2 . A sample size of
15 units was exposed to radiation testing per MILSTD-883, Method 1017 for Neutron Irradiation.
Radiation Testing and Characterization Reports— are available for all radiation effects described in this
section, to find the latest reports go to the ISOS141-SEP Technical Documentation section on TI.com.
9.3.2 Electromagnetic Compatibility (EMC) Considerations
Many applications in harsh industrial environment are sensitive to disturbances such as electrostatic discharge
(ESD), electrical fast transient (EFT), surge and electromagnetic emissions. Although system-level performance
and reliability depends, to a large extent, on the application board design and layout, the ISOS141-SEP device
incorporates many chip-level design improvements for overall system robustness. Some of these improvements
include:
• Robust ESD protection cells for input and output signal pins and inter-chip bond pads.
• Low-resistance connectivity of ESD cells to supply and ground pins.
• Enhanced performance of high voltage isolation capacitor for better tolerance of ESD, EFT and surge events.
• Bigger on-chip decoupling capacitors to bypass undesirable high energy signals through a low impedance
path.
• PMOS and NMOS devices isolated from each other by using guard rings to avoid triggering of parasitic
SCRs.
• Reduced common mode currents across the isolation barrier by ensuring purely differential internal operation.
www.ti.com
ISOS141-SEP
SLLSFN1 – MAY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: ISOS141-SEP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com