Electronic Components Datasheet Search
  English  ▼

X  

ISO1640BDR Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # ISO1640BDR
Description  ISO164x Hot-Swappable Bidirectional I2C Isolators with Enhanced EMC and GPIOs
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO1640BDR Datasheet(HTML) 13 Page - Texas Instruments

Back Button ISO1640BDR Datasheet HTML 9Page - Texas Instruments ISO1640BDR Datasheet HTML 10Page - Texas Instruments ISO1640BDR Datasheet HTML 11Page - Texas Instruments ISO1640BDR Datasheet HTML 12Page - Texas Instruments ISO1640BDR Datasheet HTML 13Page - Texas Instruments ISO1640BDR Datasheet HTML 14Page - Texas Instruments ISO1640BDR Datasheet HTML 15Page - Texas Instruments ISO1640BDR Datasheet HTML 16Page - Texas Instruments ISO1640BDR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 45 page
background image
6.10 Supply Current Characteristics
over recommended operating conditions, unless otherwise noted. See Test Diagram for more information.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
2.25 V ≤ VCC2 ≤ 2.75 V
ICC2
Supply current,
Side 2
ISO1640
VSDA1, VSCL1 = GND1, VSDA2, VSCL2 = GND2,
R1 and R2 = Open, C1 and C2 = Open
4.9
6.6
mA
VSDA1, VSCL1 = VCC1, VSDA2, VSCL2 = VCC2,
R1 and R2 = Open, C1 and C2 = Open
2.7
3.5
mA
ICC2
Supply current,
Side 2
ISO1641
VSDA1, VSCL1 = GND1, VSDA2, VSCL2 = GND2,
R1 and R2 = Open, C1 and C2 = Open
3.8
5.2
mA
VSDA1, VSCL1 = VCC1, VSDA2, VSCL2 = VCC2,
R1 and R2 = Open, C1 and C2 = Open
2.7
3.5
mA
ICC2
Supply current,
Side 2
ISO1644
VSDA1, VSCL1 = GND1, VSDA2, VSCL2 = GND2,
R1 and R2 = Open, C1 and C2 = Open
GPIOs = 0
6.5
10
mA
VSDA1, VSCL1 = VCC1, VSDA2, VSCL2 = VCC2,
R1 and R2 = Open, C1 and C2 = Open
GPIOs = 1
5.6
8.7
mA
VSDA1, VSCL1 = VCC1, VSDA2, VSCL2 = VCC2,
R1 and R2 = Open, C1 and C2 = Open
GPIOs = 0
6.7
mA
VSDA1, VSCL1 = GND1, VSDA2, VSCL2 = GND2,
R1 and R2 = Open, C1 and C2 = Open
GPIOs = 1
11.2
mA
3 V ≤ VCC1, VCC2 ≤ 3.6 V
ICC1
Supply current,
Side 1
ISO1640
VSDA1, VSCL1 = GND1, VSDA2, VSCL2 = GND2,
R1 and R2 = Open, C1 and C2 = Open
5.2
7.1
mA
VSDA1, VSCL1 = VCC1, VSDA2, VSCL2 = VCC2,
R1 and R2 = Open, C1 and C2 = Open
3
4
mA
ICC1
Supply current,
Side 1
ISO1641
VSDA1, VSCL1 = GND1, VSDA2, VSCL2 = GND2,
R1 and R2 = Open, C1 and C2 = Open
4.6
6.1
mA
VSDA1, VSCL1 = VCC1, VSDA2, VSCL2 = VCC2,
R1 and R2 = Open, C1 and C2 = Open
2.4
3.2
mA
ICC1
Supply current,
Side 1
ISO1644
VSDA1, VSCL1 = GND1, VSDA2, VSCL2 = GND2,
R1 and R2 = Open, C1 and C2 = Open
GPIOs = 0
6.4
9.6
mA
VSDA1, VSCL1 = VCC1, VSDA2, VSCL2 = VCC2,
R1 and R2 = Open, C1 and C2 = Open
GPIOs = 1
4.6
9.6
mA
VSDA1, VSCL1 = VCC1, VSDA2, VSCL2 = VCC2,
R1 and R2 = Open, C1 and C2 = Open
GPIOs = 0
6.6
mA
VSDA1, VSCL1 = GND1, VSDA2, VSCL2 = GND2,
R1 and R2 = Open, C1 and C2 = Open
GPIOs = 1
13.1
mA
ICC2
Supply current,
Side 2
ISO1640
VSDA1, VSCL1 = GND1, VSDA2, VSCL2 = GND2,
R1 and R2 = Open, C1 and C2 = Open
4.9
6.7
mA
VSDA1, VSCL1 = VCC1, VSDA2, VSCL2 = VCC2,
R1 and R2 = Open, C1 and C2 = Open
2.8
3.5
mA
ICC2
Supply current,
Side 2
ISO1641
VSDA1, VSCL1 = GND1, VSDA2, VSCL2 = GND2,
R1 and R2 = Open, C1 and C2 = Open
3.9
5.2
mA
VSDA1, VSCL1 = VCC1, VSDA2, VSCL2 = VCC2,
R1 and R2 = Open, C1 and C2 = Open
2.8
3.5
mA
www.ti.com
ISO1640, ISO1641
SLLSFC2B – FEBRUARY 2020 – REVISED MAY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: ISO1640 ISO1641



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com