Electronic Components Datasheet Search
  English  ▼

X  

LM117QML Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LM117QML
Description  LM117QML-SP RHA 4.25-V to 41.25-V 3-Terminal Adjustable Regulator
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM117QML Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM117QML Datasheet HTML 9Page - Texas Instruments LM117QML Datasheet HTML 10Page - Texas Instruments LM117QML Datasheet HTML 11Page - Texas Instruments LM117QML Datasheet HTML 12Page - Texas Instruments LM117QML Datasheet HTML 13Page - Texas Instruments LM117QML Datasheet HTML 14Page - Texas Instruments LM117QML Datasheet HTML 15Page - Texas Instruments LM117QML Datasheet HTML 16Page - Texas Instruments LM117QML Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
8 Detailed Description
8.1 Overview
The LM117QML-SP 3-terminal positive voltage linear regulator is capable of supplying either 0.5 A or 1.5 A over
a 1.2-V to 37-V output range. It is simple to use and requires only two external resistors to set the output voltage.
Further, both line and load regulation are better than standard fixed regulators.
The regulator is "floating" and sees only the input-to-output differential voltage, thus enabling supplies of several
hundred volts to be regulated as long as the maximum input-to-output differential is not exceeded (i.e. don’t short
circuit the output).
The LM117QML-SP offers full overload protection such as current limit, thermal overload protection, and safe
area protection. All overload protection circuitry remains fully functional even if the adjustment terminal is
disconnected.
Typically, no capacitors are needed unless the device is situated more than 6 in from the input filter capacitors
in which case an input bypass is needed. An optional output capacitor can be added to improve transient
response. The adjustment terminal can be bypassed to achieve very high ripple rejection ratios which are difficult
to achieve with standard 3-terminal regulators.
This device makes an especially simple adjustable switching regulator, a programmable output regulator, or
by connecting a fixed resistor between the adjustment pin and output it can be used as a precision current
regulator. Supplies with electronic shutdown can be achieved by clamping the adjustment terminal to ground
which programs the output to 1.2 V where most loads draw little current.
8.2 Functional Block Diagram
+
±
+
±
+
±
Pro tection
Circuitr y
ADJ
OUT
IN
ìXí Q
IADJ
IQ
VREF
Figure 8-1. Functional Block Diagram
www.ti.com
LM117QML-SP
SNVSC12 – APRIL 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: LM117QML-SP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com