Electronic Components Datasheet Search
  English  ▼

X  

OPA192 Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # OPA192
Description  OPAx189 Precision, Lowest-Noise, 36-V, Zero-Drift, 14-MHz, MUX-Friendly, Rail-to-Rail Output Operational Amplifiers
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA192 Datasheet(HTML) 20 Page - Texas Instruments

Back Button OPA192 Datasheet HTML 16Page - Texas Instruments OPA192 Datasheet HTML 17Page - Texas Instruments OPA192 Datasheet HTML 18Page - Texas Instruments OPA192 Datasheet HTML 19Page - Texas Instruments OPA192 Datasheet HTML 20Page - Texas Instruments OPA192 Datasheet HTML 21Page - Texas Instruments OPA192 Datasheet HTML 22Page - Texas Instruments OPA192 Datasheet HTML 23Page - Texas Instruments OPA192 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 51 page
background image
8 Detailed Description
8.1 Overview
The OPAx189 operational amplifiers combine precision offset and drift with excellent overall performance,
making these devices an excellent choice for many precision applications. The precision offset drift of only
0.005 µV/°C provides stability over the entire temperature range. In addition, these devices offer excellent linear
performance with high CMRR, PSRR, and AOL. As with all amplifiers, applications with noisy or high-impedance
power supplies require decoupling capacitors close to the device pins. In most cases, 0.1-µF capacitors are
adequate. See the Layout Guidelines section for details and layout example.
The OPAx189 are part of a family of zero-drift, MUX-friendly, rail-to-rail output operational amplifiers. These
devices operate from 4.5 V to 36 V, are unity-gain stable, and are designed for a wide range of general-purpose
and precision applications. The zero-drift architecture provides ultra-low input offset voltage and near-zero
input offset voltage drift over temperature and time. This choice of architecture also offers outstanding ac
performance, such as ultra-low broadband noise, zero flicker noise, and outstanding distortion performance
when operating below the chopper frequency.
8.2 Functional Block Diagram
The Functional Block Diagram shows a representation of the proprietary OPAx189 architecture.
Slew Boost Circuit
Protection
Switches
Ripple
Reduction FB
Loop
CLK
CLK
OUT
+IN
±IN
CCOMP
GM_FF
GM1
GM2
GM3
CCOMP
OPA189, OPA2189, OPA4189
SBOS830G – SEPTEMBER 2017 – REVISED APRIL 2021
www.ti.com
20
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: OPA189 OPA2189 OPA4189



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com