Electronic Components Datasheet Search
  English  ▼

X  

OPA189IDBVT Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # OPA189IDBVT
Description  OPAx189 Precision, Lowest-Noise, 36-V, Zero-Drift, 14-MHz, MUX-Friendly, Rail-to-Rail Output Operational Amplifiers
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA189IDBVT Datasheet(HTML) 12 Page - Texas Instruments

Back Button OPA189IDBVT Datasheet HTML 8Page - Texas Instruments OPA189IDBVT Datasheet HTML 9Page - Texas Instruments OPA189IDBVT Datasheet HTML 10Page - Texas Instruments OPA189IDBVT Datasheet HTML 11Page - Texas Instruments OPA189IDBVT Datasheet HTML 12Page - Texas Instruments OPA189IDBVT Datasheet HTML 13Page - Texas Instruments OPA189IDBVT Datasheet HTML 14Page - Texas Instruments OPA189IDBVT Datasheet HTML 15Page - Texas Instruments OPA189IDBVT Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 51 page
background image
7.8 Typical Characteristics
at TA = 25°C, VS = ±18 V, VCM = VS / 2, RLOAD = 10 kΩ connected to VS / 2, and CL = 100 pF (unless otherwise noted)
Table 7-1. Typical Characteristic Graphs
DESCRIPTION
FIGURE
Offset Voltage Production Distribution
Figure 7-1
Offset Voltage Drift Distribution From –40°C to 125°C
Figure 7-2
Input Bias Current Production Distribution
Figure 7-3
Input Offset Current Production Distribution
Figure 7-4
Offset Voltage vs Temperature
Figure 7-5
Offset Voltage vs Common-Mode Voltage
Figure 7-6
Offset Voltage vs Supply Voltage
Figure 7-7
Open-Loop Gain and Phase vs Frequency
Figure 7-8
Closed-Loop Gain vs Frequency
Figure 7-9
Input Bias Current vs Common-Mode Voltage
Figure 7-10
Input Bias Current and Offset vs Temperature
Figure 7-11
Output Voltage Swing vs Output Current (Sourcing)
Figure 7-12
Output Voltage Swing vs Output Current (Sinking)
Figure 7-13
CMRR and PSRR vs Frequency
Figure 7-14
CMRR vs Temperature
Figure 7-15
PSRR vs Temperature
Figure 7-16
0.1-Hz to 10-Hz Voltage Noise
Figure 7-17
Input Voltage Noise Spectral Density vs Frequency
Figure 7-18
THD+N Ratio vs Frequency
Figure 7-19
THD+N vs Output Amplitude
Figure 7-20
Quiescent Current vs Supply Voltage
Figure 7-21
Quiescent Current vs Temperature
Figure 7-22
Open-Loop Gain vs Temperature (10-kΩ)
Figure 7-23
Open-Loop Gain vs Temperature (2-kΩ)
Figure 7-24
Open-Loop Output Impedance vs Frequency
Figure 7-25
Small-Signal Overshoot vs Capacitive Load (10-mV Step)
Figure 7-26
No Phase Reversal
Figure 7-27
Positive Overload Recovery
Figure 7-28
Negative Overload Recovery
Figure 7-29
Small-Signal Step Response (10-mV Step)
Figure 7-30, Figure 7-31
Large-Signal Step Response (10-V Step)
Figure 7-32, Figure 7-33
Settling Time
Figure 7-34
Short-Circuit Current vs Temperature
Figure 7-35
Maximum Output Voltage vs Frequency
Figure 7-36
EMIRR vs Frequency
Figure 7-37
OPA189 Long-Term Drift
Figure 7-38
OPA2189 Long-Term Drift
Figure 7-39
Channel Separation
Figure 7-40
OPA189, OPA2189, OPA4189
SBOS830G – SEPTEMBER 2017 – REVISED APRIL 2021
www.ti.com
12
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: OPA189 OPA2189 OPA4189



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com