Electronic Components Datasheet Search
  English  ▼

X  

8023321 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 8023321
Description  Input/output module
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

8023321 Datasheet(HTML) 1 Page - Festo Corporation.

  8023321 Datasheet HTML 1Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Input/output module
CDPX-EA-V2
Part number: 8023321
Data sheet
Feature
Value
Installation depth
34 mm
Height
89 mm
Length
41 mm
Type code
CDPX
Certification
C-Tick
c UL us - Listed (OL)
CE marking (see declaration of conformity)
As per EU EMC directive
Storage temperature
-20 °C ... 70 °C
Relative air humidity
5 - 85 %
Non-condensing
Degree of protection
IP20
Ambient temperature
0 °C ... 50 °C
Product weight
80 g
Note on materials
RoHS-compliant
Digital inputs, number
8
Digital inputs, input signal delay
0.1 ms
3 ms
10 ms
20 ms
Digital inputs, input voltage/current
24 V DC
Digital inputs, nominal value for TRUE
12 - 30 V DC
Digital inputs, nominal value for FALSE
0 V
Digital inputs, electrical isolation
yes
Analog inputs, linearity error at 25°C
yes
Digital outputs, number
7
Digital outputs, contact
1 relay
Digital outputs, output voltage
12 - 30 V DC
Digital outputs, output current
0.5 A
Digital outputs, potential separation
yes
Digital outputs, short circuit current rating
yes
Digital outputs, overload protection
yes
6/15/21 - Subject to change - Festo AG & Co. KG
1/1


Similar Part No. - 8023321

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8023 FILTRAN-8023 Datasheet
149Kb / 1P
T1/E1 Extended Temperature Range SMD Single Transformers
logo
Sonardyne sound in dept...
8023 SONARDYNE-8023 Datasheet
112Kb / 2P
Fusion USBL Transceivers
logo
Belden Inc.
8023 BELDEN-8023 Datasheet
152Kb / 2P
Bus Bar Wire, #26 Sol TC
05-05-2023
logo
Heyco.
8023 HEYCO-8023 Datasheet
179Kb / 1P
Full Thickness Male Blades
logo
Belden Inc.
8023-000100 BELDEN-8023-000100 Datasheet
152Kb / 2P
Bus Bar Wire, #26 Sol TC
05-05-2023
More results

Similar Description - 8023321

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
8086601 FESTO-8086601 Datasheet
92Kb / 2P
Digital input/output module
8086603 FESTO-8086603 Datasheet
91Kb / 2P
Digital input/output module
526257 FESTO-526257 Datasheet
88Kb / 1P
Input/output module
538787 FESTO-538787 Datasheet
76Kb / 1P
Input/output module
538788 FESTO-538788 Datasheet
77Kb / 1P
Input/output module
538789 FESTO-538789 Datasheet
70Kb / 1P
Input/output module
538790 FESTO-538790 Datasheet
76Kb / 1P
Input/output module
572607 FESTO-572607 Datasheet
95Kb / 2P
Input/output module
575300 FESTO-575300 Datasheet
89Kb / 2P
Input/output module
576046 FESTO-576046 Datasheet
93Kb / 2P
Input/output module
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com