Electronic Components Datasheet Search
  English  ▼

X  

C9950 Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # C9950
Description  3.3V, 180-MHz, Multi-Output Clock Driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

C9950 Datasheet(HTML) 2 Page - Cypress Semiconductor

  C9950 Datasheet HTML 1Page - Cypress Semiconductor C9950 Datasheet HTML 2Page - Cypress Semiconductor C9950 Datasheet HTML 3Page - Cypress Semiconductor C9950 Datasheet HTML 4Page - Cypress Semiconductor C9950 Datasheet HTML 5Page - Cypress Semiconductor C9950 Datasheet HTML 6Page - Cypress Semiconductor C9950 Datasheet HTML 7Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
C9950
Document #: 38-07072 Rev. *C
Page 2 of 7
Note:
2.
PD = Internal Pull-Down, PU = Internal Pull-Up.
Pin Description[2]
Pin
Name
PWR
I/O
Type
Description
8
XIN
I
Oscillator Input. Connect to a crystal.
9
XOUT
0
Oscillator Output. Connect to a crystal.
30
TCLK
I
External Test Clock Input.
28
QA
VDDC
O
Clock Output. See Frequency Table.
26
QB
VDDC
O
Clock Output. See Frequency Table.
22, 24
QC(1,0)
VDDC
O
Clock Outputs. See Frequency Table.
12, 14, 16, 18, 20
QD(4:0)
VDDC
O
Clock Outputs. See Frequency Table.
2
FB_SEL
I
PD
Feedback Select Input.
If FB_SEL = 1, then the (
÷8) counter is selected in the PLL feed-
back loop.
If FB_SEL = 0, then the (
÷16) counter is selected in the PLL
feedback loop.
10
MR/OE#
I
Master Reset/Output Enable Input. When asserted HIGH, resets
all of the internal flip-flops and also disables all of the outputs.
When pulled LOW, releases the internal flip-flops from reset and
enables all of the outputs.
31
PLL_EN
I
PLL Enable Input. When asserted HIGH, PLL is enabled. And
when set LOW, PLL is bypassed.
32
REF_SEL
I
Reference Select Input. When HIGH, TCLK is the reference clock
and when LOW, the crystal oscillator is selected.
3, 4, 5, 6
SEL(A:D)
I
Frequency Select Inputs. See Frequency Table.
If SEL_ = 1, then QA divider =
÷4, QB:D divider = ÷8
If SEL_ = 0, then QA divider =
÷2, QB:D divider = ÷4
11, 15, 19, 23, 27
VDDC
3.3V Power Supply for Output Clock Buffers.
1
VDD
3.3V Power Supply for PLL
7, 13, 17, 21, 25,
29
VSS
Common Ground



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com