Electronic Components Datasheet Search
  English  ▼

X  

ADIS16489 Datasheet(PDF) 6 Page - Analog Devices

Part # ADIS16489
Description  Seven Degrees of Freedom Inertial Sensor
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16489 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADIS16489 Datasheet HTML 2Page - Analog Devices ADIS16489 Datasheet HTML 3Page - Analog Devices ADIS16489 Datasheet HTML 4Page - Analog Devices ADIS16489 Datasheet HTML 5Page - Analog Devices ADIS16489 Datasheet HTML 6Page - Analog Devices ADIS16489 Datasheet HTML 7Page - Analog Devices ADIS16489 Datasheet HTML 8Page - Analog Devices ADIS16489 Datasheet HTML 9Page - Analog Devices ADIS16489 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
ADIS16489
Data Sheet
Rev. B | Page 6 of 40
TIMING SPECIFICATIONS
TC = 25°C, VDD = 3.3 V, unless otherwise noted.
Table 2.
Parameter
Description
Min1
Typ
Max1
Unit
fSCLK
Serial clock
0.01
15
MHz
tSTALL2
Stall period between data
2
µs
tCLS
Serial clock low period
31
ns
tCHS
Serial clock high period
31
ns
t
CS
Chip select to clock edge
32
ns
tDAV
DOUT valid after SCLK edge
10
ns
tDSU
DIN setup time before SCLK rising edge
2
ns
tDHD
DIN hold time after SCLK rising edge
2
ns
tDR, tDF
DOUT rise/fall times, ≤100 pF loading
3
8
ns
tDSOE
CS assertion to data out active
0
11
ns
tHD
SCLK edge to data out invalid
0
ns
tSFS
Last SCLK edge to CS deassertion
32
ns
tDSHI
CS deassertion to data out high impedance
0
9
ns
Data ready pulse width
11
15
µs
t1
Input sync pulse width
5
µs
t2
Input sync to data invalid
560
570
µs
t3
Input sync period
417
µs
1
Guaranteed by design and characterization, but not tested in production.
2
See Table 3 for exceptions to the stall time rating.
Register Specific Stall Times
Table 3.
Parameter
Description
Min1
Typ
Max
Unit
STALL TIME
FNCTIO_CTRL
Configure DIOx functions
15
μs
FILTR_BNK_0
Enable/select finite impulse response (FIR) filter banks
10
μs
FILTR_BNK_1
Enable/select FIR filter banks
10
μs
NULL_CNFG
Configure autonull bias function
10
μs
GLOB_CMD[1]
Self test
12000
μs
GLOB_CMD[2]
Flash memory test
50000
μs
GLOB_CMD[3]
Flash memory update
375000
ms
GLOB_CMD[6]
Factory calibration restore
75000
sec
GLOB_CMD[7]
Software reset
120000
ms
1
Monitoring the data ready signal (see Table 153 for FNCTIO_CTRL configuration) for the return of regular pulsing can help minimize system wait times.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com