Electronic Components Datasheet Search
  English  ▼

X  

ADIS16475-1/PCBZ Datasheet(PDF) 21 Page - Analog Devices

Part # ADIS16475-1/PCBZ
Description  Precision, Miniature MEMs IMU
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16475-1/PCBZ Datasheet(HTML) 21 Page - Analog Devices

Back Button ADIS16475-1/PCBZ Datasheet HTML 17Page - Analog Devices ADIS16475-1/PCBZ Datasheet HTML 18Page - Analog Devices ADIS16475-1/PCBZ Datasheet HTML 19Page - Analog Devices ADIS16475-1/PCBZ Datasheet HTML 20Page - Analog Devices ADIS16475-1/PCBZ Datasheet HTML 21Page - Analog Devices ADIS16475-1/PCBZ Datasheet HTML 22Page - Analog Devices ADIS16475-1/PCBZ Datasheet HTML 23Page - Analog Devices ADIS16475-1/PCBZ Datasheet HTML 24Page - Analog Devices ADIS16475-1/PCBZ Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
Data Sheet
ADIS16475
Rev. D | Page 21 of 37
Accelerometer Data Formatting
Table 26 and Table 27 offer various numerical examples that
demonstrate the format of the linear acceleration data in both
16-bit and 32-bit formats.
Table 26. 16-Bit Accelerometer Data Format Examples
Acceleration
Decimal
Hex
Binary
+8 g
+32,000
0x7D00
0111 1101 0000 0000
+0.5 mg
+2
0x0002
0000 0000 0000 0010
+0.25 mg
+1
0x0001
0000 0000 0000 0001
0 mg
0
0x0000
0000 0000 0000 0000
−0.25 mg
−1
0xFFFF
1111 1111 1111 1111
−0.5 mg
−2
0xFFFE
1111 1111 1111 1110
−8 g
−32,000
0x8300
1000 0011 0000 0000
Table 27. 32-Bit Accelerometer Data Format Examples
Acceleration
Decimal
Hex
+8 g
+2,097,152,000
0x7D000000
+0.25/215 mg
+2
0x00000002
+0.25/216 mg
+1
0x00000001
0
0
0x00000000
−0.25/216 mg
−1
0xFFFFFFFF
−0.25/215 mg
−2
0xFFFFFFFE
−8 g
−2,097,152,000
0x83000000
X-Axis Accelerometer (X_ACCL_LOW and X_ACCL_OUT)
Table 28. X_ACCL_LOW Register Definition
Addresses
Default
Access
Flash Backup
0x10, 0x11
Not applicable
R
No
Table 29. X_ACCL_LOW Bit Definitions
Bits
Description
[15:0]
X-axis accelerometer data; additional resolution bits
Table 30. X_ACCL_OUT Register Definition
Addresses
Default
Access
Flash Backup
0x12, 0x13
Not applicable
R
No
Table 31. X_ACCL_OUT Bit Definitions
Bits
Description
[15:0]
X-axis accelerometer data, high word; twos
complement, ±8 g range; 0 g = 0x0000, 1 LSB = 0.25 mg
The X_ACCL_LOW (see Table 28 and Table 29) and X_ACCL_
OUT (see Table 30 and Table 31) registers contain the
accelerometer data for the x-axis.
Y-Axis Accelerometer (Y_ACCL_LOW and Y_ACCL_OUT)
Table 32. Y_ACCL_LOW Register Definition
Addresses
Default
Access
Flash Backup
0x14, 0x15
Not applicable
R
No
Table 33. Y_ACCL_LOW Bit Definitions
Bits
Description
[15:0]
Y-axis accelerometer data; additional resolution bits
Table 34. Y_ACCL_OUT Register Definition
Addresses
Default
Access
Flash Backup
0x16, 0x17
Not applicable
R
No
Table 35. Y_ACCL_OUT Bit Definitions
Bits
Description
[15:0]
Y-axis accelerometer data, high word; twos
complement, ±8 g range; 0 g = 0x0000, 1 LSB = 0.25 mg
The Y_ACCL_LOW (see Table 32 and Table 33) and
Y_ACCL_ OUT (see Table 34 and Table 35) registers contain
the accelerometer data for the y-axis.
Z-Axis Accelerometer (Z_ACCL_LOW and Z_ACCL_OUT)
Table 36. Z_ACCL_LOW Register Definition
Addresses
Default
Access
Flash Backup
0x18, 0x19
Not applicable
R
No
Table 37. Z_ACCL_LOW Bit Definitions
Bits
Description
[15:0]
Z-axis accelerometer data; additional resolution bits
Table 38. Z_ACCL_OUT Register Definition
Addresses
Default
Access
Flash Backup
0x1A, 0x1B
Not applicable
R
No
Table 39. Z_ACCL_OUT Bit Definitions
Bits
Description
[15:0]
Z-axis accelerometer data, high word; twos
complement, ±8 g range; 0 g = 0x0000, 1 LSB = 0.25 mg
The Z_ACCL_LOW (see Table 36 and Table 37) and Z_ACCL_
OUT (see Table 38 and Table 39) registers contain the
accelerometer data for the z-axis.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com