Electronic Components Datasheet Search
  English  ▼

X  

PLN2020 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PLN2020
Description  Complete navigation sensor that works on virtually all surfaces
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PLN2020 Datasheet(HTML) 1 Page - NXP Semiconductors

  PLN2020 Datasheet HTML 1Page - NXP Semiconductors PLN2020 Datasheet HTML 2Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PLN2020
twin-eye laser sensor
Complete navigation sensor
that works on virtually all
surfaces
Philips Laser Sensors
Introduction
The Philips’ PLN2020 twin-eye laser sensor is a high-
precision, ultra-fast, low-power consuming, small-sized,
single-component, laser-based tracking device for use in
computer mice, identification devices, printers and mobile
phones.
General information
The PLN2020 is a fully integrated single-component,
robust, self-aligning and small-sized (<180 mm
3) laser-
based tracking device. The 11-pin 3.85-mm high twin-eye
laser sensor has a printed circuit board footprint of a mere
6.8 mm x 6.8 mm and incorporates lenses for its two lasers
in the package assembly. Thanks to a dedicated laser
power control scheme, energy use is limited to a minimum
while power management is maximized, making the device
particularly useful for cordless mice.
The PLN2020 is based on laser tracking technology. It
measures changes in position by sensing the scattered
laser light that is reflected by the surface, and
mathematically by on-chip logic and software, determining
the direction and magnitude of the movement. It is capable
of measuring extremely accurately at a wide range of
speeds.
Key features
Design-in simplicity
Complete
single
integrated
component
solution
(System-In-Package)
11-pin miniature square package
Intelligent, built-in, multi-mode power management
system
Low-power operation and sleep modes
Accurate optical navigation
Smooth and rough surface navigation
3D motion sensor
Accurate motion up to 500 mm/s (20 ips) with an
extended motion range up to 1000 mm/s
Micrometer resolution (800 cpi)
Single 3.3 volt power supply
SPI serial bus host interface
High-speed serial port registers for programming and
data transfer
Embedded firmware can be upgraded and customized
Active redundant protection system to ensure laser
safety
Lead-free wave solderable (or by manual soldering)
No mechanical moving parts
Insensitive to wear and tear
The PLN2020 does not require a smooth surface, but can
be used on virtually all light-scattering surfaces, even those
with a relatively rough structure. Compact in dimensions,
the PLN2020 is a true ‘system-in-a-package’ that is
suitable for many applications. As there are no moving
parts, and because of its self-aligning optical path, the
application of the technology is simple and can be mass-
produced in a cost-effective manner without applying
expensive aligning procedures.


Similar Part No. - PLN2020

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PLN BOURNS-PLN Datasheet
859Kb / 4P
Planar Transformers
Mar 31, 2015
logo
Mean Well Enterprises C...
PLN-100 MEANWELL-PLN-100 Datasheet
193Kb / 2P
100W Single Output Switching Power Supply
PLN-100 MEANWELL-PLN-100 Datasheet
99Kb / 1P
30~60W Single Output with PFC
PLN-100 MEANWELL-PLN-100 Datasheet
228Kb / 3P
100W Single Output Switching Power Supply
PLN-100 MEANWELL-PLN-100 Datasheet
231Kb / 3P
100W Single Output Switching Power Supply
More results

Similar Description - PLN2020

ManufacturerPart #DatasheetDescription
logo
Pixart Imaging Inc.
PAN101B PIXART-PAN101B Datasheet
290Kb / 24P
CMOS OPTICAL NAVIGATION SENSOR
logo
Intersil Corporation
ISL29030 INTERSIL-ISL29030 Datasheet
538Kb / 17P
Works Under All Light Sources Including Sunlight
logo
Pixart Imaging Inc.
PMW3330DM-TZQU PIXART-PMW3330DM-TZQU Datasheet
782Kb / 9P
Optical Gaming Navigation Sensor
PMW3360DM-T2QU PIXART-PMW3360DM-T2QU Datasheet
2Mb / 18P
Optical Gaming Navigation Sensor
logo
Laird Tech Smart Techno...
SL8244P12NF LSTD-SL8244P12NF Datasheet
351Kb / 1P
Easy mounting to all ceiling surfaces
logo
GSI Technology
GS8673EQ18BK-625 GSI-GS8673EQ18BK-625 Datasheet
451Kb / 31P
On-Chip ECC with virtually zero SER
GS8673ED36BK-625I GSI-GS8673ED36BK-625I Datasheet
457Kb / 31P
On-Chip ECC with virtually zero SER
logo
Pixart Imaging Inc.
PMW3330DM-T2QU PIXART-PMW3330DM-T2QU Datasheet
2Mb / 18P
Optical Gaming Navigation Sensor
logo
C&K Components
TBWB2A CK-COMPONENTS-TBWB2A Datasheet
94Kb / 2P
Miniature All-direction Navigation Switch
logo
Broadcom Corporation.
BCM4760 BOARDCOM-BCM4760 Datasheet
532Kb / 2P
PERSONAL NAVIGATION SYSTEM-ON-CHIP
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com