Electronic Components Datasheet Search
  English  ▼

X  

HPSN Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # HPSN
Description  MANUAL OPERATION HANDLE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

HPSN Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  HPSN Datasheet HTML 1Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MODEL: HPSN
http://www.m-system.co.jp/
HPSN SPECIFICATIONS
ES-4895 Rev.1 Page 1/1
Final Control Elements
MANUAL OPERATION HANDLE
(for SERVO-TOP II models PSN1/PSN3)
Functions & Features
• Ratchet wrench used to manually operate the Servo-Top II
models PSN1 and PSN3
MODEL: HPSN–1
ORDERING INFORMATION
• Code number: HPSN-1
HOLE SIZE
1: 8 mm (.31) sq.
GENERAL SPECIFICATIONS
Construction: Ratchet wrench
Required turns
PSN1: approx. 24 turns / 10 mm
PSN3: approx. 25 turns / 10 mm
Torque:
1 N·m (PSN1)
1.5 N·m (PSN3)
Weight: 70 g (2.5 oz)
DIMENSIONS unit: mm (inch)
125 (4.92)
Specifications are subject to change without notice.


Similar Part No. - HPSN

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
HPS VISHAY-HPS Datasheet
72Kb / 3P
High Ohmic Value (up to 1.5 G ohm), High Power Resistors (up to 10 W at 25 °C) Thick Film
01-Aug-13
logo
Cooper Bussmann, Inc.
HPS COOPER-HPS Datasheet
95Kb / 1P
Panel-Mount Fuseholder with Bayonet-type Knob
logo
Hammond Manufacturing L...
HPS HAMMOND-HPS Datasheet
689Kb / 8P
Encapsulated Transformers for Commercial Applications
August 2019
logo
Heyco.
HPS HEYCO-HPS Datasheet
115Kb / 1P
Nylon PCB Supports - Imperial Spacing
logo
Ashcroft, Inc.
HPS ASHCROFT-HPS Datasheet
771Kb / 4P
HPS High Purity Pressure Gauge with Reed Switch 50 mm Dial Size
RevA_02-10-22
More results

Similar Description - HPSN

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0011200949 MOLEX11-0011200949 Datasheet
2Mb / 39P
Hawk Discrete Wire Termination Machine Operation Manual
0011219757 MOLEX11-0011219757 Datasheet
505Kb / 15P
OPERATION & SET-UP MANUAL
TM-638019100 MOLEX2-TM-638019100 Datasheet
644Kb / 15P
PT-1500 Auto Grip Pull Tester Operation Manual
logo
Omron Electronics LLC
3G2A2-CN221 OMRON-3G2A2-CN221 Datasheet
1Mb / 59P
Ladder Program I/O Unit Operation Manual
logo
PHOENIX CONTACT
REL-MR-24AC PHOENIX-REL-MR-24AC Datasheet
98Kb / 4P
With detectable manual operation
REL-MR-230AC PHOENIX-REL-MR-230AC Datasheet
98Kb / 4P
With detectable manual operation
logo
Dorji Industrial Group ...
DAC02 DORJI-DAC02 Datasheet
37Kb / 2P
Operation Manual for USB Converter Board
logo
Suzhou Trophy Advance-T...
T1-01-020 TROPHY-T1-01-020_V01 Datasheet
1Mb / 6P
Operation Manual for Tension Meter
T6-01-200 TROPHY-T6-01-200 Datasheet
515Kb / 5P
Operation Manual for Tension Meter
logo
Schneider Electric
NSYTHPLM SCHNEIDER-NSYTHPLM Datasheet
78Kb / 2P
External handle manual use for PLM and CRN
May 7, 2021
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com