Electronic Components Datasheet Search
  English  ▼

X  

HDC9 Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # HDC9
Description  DC POWER SUPPLY
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

HDC9 Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  HDC9 Datasheet HTML 1Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
HDC9
P.  / 
ES-3488
DC POWER SUPPLY
MODEL
HDC9
Functions & Features
•PowersupplymodulefortheM8BS1
Specifications are subject to change without notice.
MODEL & SUFFIX CODE SELECTION
HDC9–M2
MODEL
OUTPUT VOLTAGE
:24VDC
POWER INPUT
M2
: 100–240VAC
ORDERING INFORMATION
Specifycodenumber.(e.g.HDC9-M2)
GENERAL SPECIFICATIONS
Connection
Power input
:M3.5screwterminals(torque0.5N·m)
Output
:
ViatheInstallationBase(model:M8BS1-xx-
M2)
SUPPLY OUTPUT
Output voltage
:24VDC±10%,ripple10%p-pmax.
Maximum load current
:2.2A
Overload protection
:Currentrestrictioninthevoltage
dropcharacteristics(automaticrecovery)
Overload voltage protection
:Nooutput;Recoverswhen
thepowerinputisturnedoffandon.
INSTALLATION
Power input
: Operationalvoltagerange85–264VAC
47–63Hz
Operating temperature
:0to55°C(32to131°F)
Operating humidity
:30to85%RH(non-condensing)
Mounting
:
InstallationBase(model:M8BS1-xx-M2)
Weight
:
580g(1.28lbs)
PERFORMANCE % of output voltage
Load effect
: 0.9%(loadcurrent:0–2A)
Temp. coefficient
:±0.03%/°C(±0.017%/°F)
Insulation resistance
:≥50MΩwith500VDC
(powertooutputtoFG)
Dielectric strength
:2000VAC@1minute
(powertooutputorFG)
500VAC@1minute(outputtoFG)
CONNECTION DIAGRAM
140.5 (5.53)
5–M3.5
POWER TERMINALS
3
4
5
2
1
V.ADJ
81 (3.19)
EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENTS mm (inch)
1
2
3
4
5
+
–
FG
V
U
POWER INPUT
OUTPUT VOLTAGE
24V DC
81 (3.19)
86
(3.39)
140.5
(5.53)
V.ADJ
3
4
5
2
1
mm (inch)


Similar Part No. - HDC9

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
HDC9-JDL082397 TEC-HDC9-JDL082397 Datasheet
5Mb / 164P
CONNECTOR SELECTOR
More results

Similar Description - HDC9

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
TPS_DNX301 CANDD-TPS_DNX301 Datasheet
130Kb / 4P
DC/DC Power Supply
TPS_DNX350 CANDD-TPS_DNX350 Datasheet
131Kb / 4P
DC/DC Power Supply
logo
XFMRS Inc.
XFEB321611-101 XFMRS-XFEB321611-101 Datasheet
26Kb / 1P
DC POWER SUPPLY
XFEB321611-101-04A XFMRS-XFEB321611-101-04A Datasheet
23Kb / 1P
DC POWER SUPPLY
XFEB321611-102-1A XFMRS-XFEB321611-102-1A Datasheet
74Kb / 2P
DC POWER SUPPLY
XFEB321611-501-3A XFMRS-XFEB321611-501-3A Datasheet
78Kb / 1P
DC POWER SUPPLY
XFEI100505-4N7S XFMRS-XFEI100505-4N7S Datasheet
57Kb / 1P
DC POWER SUPPLY
logo
M-System Co.,Ltd.
HDC1 MSYSTEM-HDC1 Datasheet
67Kb / 2P
DC POWER SUPPLY
MDC5 MSYSTEM-MDC5 Datasheet
144Kb / 2P
DC POWER SUPPLY
logo
Pepperl+Fuchs Inc.
PSU1100-J1-DC-N0 PF-PSU1100-J1-DC-N0 Datasheet
479Kb / 3P
DC Power Supply
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com