Electronic Components Datasheet Search
  English  ▼

X  

ISF102 Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # ISF102
Description  GLASS PASSIVATED SUPER FAST RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

ISF102 Datasheet(HTML) 1 Page - Rectron Semiconductor

  ISF102 Datasheet HTML 1Page - Rectron Semiconductor ISF102 Datasheet HTML 2Page - Rectron Semiconductor ISF102 Datasheet HTML 3Page - Rectron Semiconductor ISF102 Datasheet HTML 4Page - Rectron Semiconductor ISF102 Datasheet HTML 5Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
GLASS PASSIVATED SUPER FAST RECTIFIER
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
THRU
MAXIMUM RATINGS (@ TA=25 OC unless otherwise noted)
ELECTRICAL CHARACTERISTICS(@TA=25 OC unless otherwise noted)
RATINGS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
at TC = 100
oC
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Typical Thermal Resistance (Note 1)
Typical Junction Capacitance (Note 2)
SYMBOL
VRRM
VDC
IFSM
CJ
TJ, TSTG
VRMS
UNITS
Volts
Volts
Amps
10
150
2
Amps
0 C/ W
0 C
Operating and Storage Temperature Range
Rθ JC
IO
-55 to + 150
pF
Volts
150
2019-05 /12/52
REV: A
CHARACTERISTICS
at Rated DC Blocking Voltage
Maximum Reverse Recovery Time (Note 3)
VF
SYMBOL
IR
nSec
uAmps
Maximum DC Reverse Current
Maximum Instantaneous Forward Voltage at 10.0A DC
Volts
10
@TA = 150
oC
@TA = 25
oC
trr
1.0
35
UNITS
NOTES : 1. Thermal Resistance : Heat-sink case mounted or if PCB mounted.
2. Measured at 1 MHz and applied reverse voltage of 4.0 volts.
3. Test conditions: IF= 0.5A, IR= -0.1A, IRR=-0.25A.
4. " ROHS compliant"
FEATURES
* Epoxy: Device has UL flammability classification 94V-O
MECHANICAL DATA
*
Low Profile Design for Smart Phone Charger
*
Ideal for SMT Mounting
*
High Forward Surge Capability
*
Low Forward Voltage Drop
*
Excellent High Temperature Stability
I
2t
93.38
A
2Sec
Typical Current Squarad Time
* Mounting position: Any
ISF107
ISF101
0.95
Dimensions in inches and (millimeters)
ITO-220AC
.406(10.3)
.138(3.5)
.057(1.45)
.114(2.9)
.049(1.25)
.179(4.55)
.094(2.4)
.630(16.0)
.035(0.9)
.027(0.7)
.591(15.0)
.024(0.60)
.018 (0.45)
.187(4.75)
.071(1.8)
.047(1.2)
.522(13.25)
.502(12.75)
.124(3.15)
.108(2.75)
.106(2.7)
.394(9.9)
.063(1.6)
.055(1.4)
.138(3.5)
.122(3.1)
.101
(2.54)
100
300
150
ISF101
ISF103
ISF105
ISF102
ISF104
200
400
ISF106
50
100
300
150
200
400
50
70
210
105
140
280
35
600
ISF107
600
420
1.30
ISF101
ISF103
ISF105
ISF102
ISF104
ISF106
ISF107
1.70
mAmps
VOLTAGE RANGE 50 to 600 Volts CURRENT 10 Amperes


Similar Part No. - ISF102

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
ISF1023 ISC-ISF1023 Datasheet
307Kb / 2P
N-Channel MOSFET
ISF1023 ISC-ISF1023 Datasheet
319Kb / 2P
isc N-Channel MOSFET Transistor
ISF1024 ISC-ISF1024 Datasheet
317Kb / 2P
N-Channel MOSFET
ISF1024 ISC-ISF1024 Datasheet
271Kb / 2P
N-Channel MOSFET
ISF1026 ISC-ISF1026 Datasheet
307Kb / 2P
N-Channel MOSFET
More results

Similar Description - ISF102

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
SF51 GOOD-ARK-SF51 Datasheet
231Kb / 2P
GLASS PASSIVATED SUPER FAST RECTIFIER
logo
Nanjing International G...
MUR1620CT.JF DGNJDZ-MUR1620CT.JF Datasheet
85Kb / 2P
GLASS PASSIVATED SUPER FAST RECTIFIER
logo
Jinan Jing Heng Electro...
MUR520 JINGHENG-MUR520 Datasheet
60Kb / 2P
GLASS PASSIVATED SUPER FAST RECTIFIER
MUR520M2 JINGHENG-MUR520M2 Datasheet
51Kb / 2P
GLASS PASSIVATED SUPER FAST RECTIFIER
MUR1680CT JINGHENG-MUR1680CT Datasheet
57Kb / 2P
GLASS PASSIVATED SUPER FAST RECTIFIER
logo
Nantong Hornby Electron...
SF16X HORNBY-SF16X Datasheet
298Kb / 3P
GLASS PASSIVATED SUPER FAST RECTIFIER
SF30XPT HORNBY-SF30XPT Datasheet
275Kb / 3P
GLASS PASSIVATED SUPER FAST RECTIFIER
logo
Jinan Jingheng (Group) ...
MUR4060CT JINANJINGHENG-MUR4060CT Datasheet
164Kb / 3P
GLASS PASSIVATED SUPER FAST RECTIFIER
logo
Microdiode Semiconducto...
SF51G CHENDA-SF51G_V01 Datasheet
571Kb / 2P
SUPER FAST GLASS PASSIVATED RECTIFIER
logo
Rectron Semiconductor
MUR2020R RECTRON-MUR2020R Datasheet
575Kb / 5P
SUPER FAST GLASS PASSIVATED RECTIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com