Electronic Components Datasheet Search
  English  ▼

X  

UCD3138064RMHT Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # UCD3138064RMHT
Description  UCD3138064 Highly Integrated Digital Controller for Isolated Power With 64-kB Program Flash Memory
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCD3138064RMHT Datasheet(HTML) 15 Page - Texas Instruments

Back Button UCD3138064RMHT Datasheet HTML 11Page - Texas Instruments UCD3138064RMHT Datasheet HTML 12Page - Texas Instruments UCD3138064RMHT Datasheet HTML 13Page - Texas Instruments UCD3138064RMHT Datasheet HTML 14Page - Texas Instruments UCD3138064RMHT Datasheet HTML 15Page - Texas Instruments UCD3138064RMHT Datasheet HTML 16Page - Texas Instruments UCD3138064RMHT Datasheet HTML 17Page - Texas Instruments UCD3138064RMHT Datasheet HTML 18Page - Texas Instruments UCD3138064RMHT Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 104 page
background image
V33A = V33D = V33DIO = 3.3 V; 1μF from BP18 to DGND, TJ = –40 °C to 125 °C (unless otherwise noted)
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
ADC12 INL integral nonlinearity (5)
ADC_SAMPLING_SEL = 6 for all ADC12 data,
25 to 125 °C
–
7.5/+2.9
LSB
ADC12 DNL differential nonlinearity (5)
–
0.7/+3.2
LSB
ADC Zero Scale Error
–7
7
mV
ADC Full Scale Error
–35
35
mV
Input bias
2.5 V applied to pin
200
nA
Input leakage resistance (5)
ADC_SAMPLING_SEL= 6 or 0
1
MΩ
Input Capacitance (5)
10
pF
DIGITAL INPUTS/OUTPUTS(1) (2)
VOL
Low-level output voltage(3)
IOH = 4 mA, V33DIO = 3 V
DGND
+ 0.25
V
VOH
High-level output voltage (3)
IOH = –4 mA, V33DIO = 3 V
V33DIO
– 0.6
V
VIH
High-level input voltage
V33DIO = 3 V
2.1
V
VIL
Low-level input voltage
V33DIO = 3 V
1.1
V
IOH
Output sinking current
4
mA
IOL
Output sourcing current
–4
mA
SYSTEM PERFORMANCE
TWD
Watchdog time out resolution
Total time is: TWD x (WDCTRL.PERIOD+1)
13.1
17
22.7
ms
Processor master clock (MCLK)
31.25
MHz
tDelay
Digital filter delay(4)
(1 clock = 32 ns)
6 MCLKs
Retention period of flash content (data
retention and program)
TJ = 25 °C
100
years
f(PCLK)
Internal oscillator frequency
240
250
260
MHz
Flash Read
1
MCLKs
ISHARE
Current share current source (See Section
9.3.15)
238
259
μA
RSHARE
Current share resistor (See Section
9.3.15)
9.75
10.3
kΩ
POWER ON RESET AND BROWN OUT (V33A pin, See Figure 8-3)
VGH
Voltage Good High
2.7
V
VGL
Voltage Good Low
2.5
V
Vres
Voltage at which IReset signal is valid(5)
0.8
V
Brownout
Internal signal warning of brownout conditions
2.9
V
TEMPERATURE SENSOR(5)
VTEMP
Voltage range of sensor
1.46
2.44
V
Voltage resolution
Volts/°C
5.9
mV/°C
Temperature resolution
Degree C per bit
0.1034
°C/LSB
Accuracy(5) (6)
–40 to 125 °C
–10
±5
10
°C
Temperature range
–40 to 125 °C
–40
125
°C
ITEMP
Current draw of sensor when active
30
μA
VAMB
Ambient temperature
Trimmed 25 °C reading
1.85
V
ANALOG COMPARATOR
DAC
Reference DAC Range
0
2.5
V
Reference Voltage
2.478
2.5 2.513
V
Bits
7
bits
INL(5)
–0.42
0.21
LSB
www.ti.com
UCD3138064
SLUSB72D – MARCH 2013 – REVISED APRIL 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
15
Product Folder Links: UCD3138064



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com