Electronic Components Datasheet Search
  English  ▼

X  

ADGS1612BCPZ Datasheet(PDF) 12 Page - Analog Devices

Part # ADGS1612BCPZ
Description  SPI Interface, 1 廓 RON, 짹5 V, 12 V, 5 V, 3.3 V, Mux Configurable, Quad SPST Switch
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADGS1612BCPZ Datasheet(HTML) 12 Page - Analog Devices

Back Button ADGS1612BCPZ Datasheet HTML 8Page - Analog Devices ADGS1612BCPZ Datasheet HTML 9Page - Analog Devices ADGS1612BCPZ Datasheet HTML 10Page - Analog Devices ADGS1612BCPZ Datasheet HTML 11Page - Analog Devices ADGS1612BCPZ Datasheet HTML 12Page - Analog Devices ADGS1612BCPZ Datasheet HTML 13Page - Analog Devices ADGS1612BCPZ Datasheet HTML 14Page - Analog Devices ADGS1612BCPZ Datasheet HTML 15Page - Analog Devices ADGS1612BCPZ Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 29 page
background image
ADGS1612
Data Sheet
Rev. 0 | Page 12 of 29
Timing Diagrams
t1
t2
t3
t4
t5
t8
t9
t10
t6
t7
R/W
CS
SCLK
SDI
SDO
A6
A5
D2
D1
D0
0
0
1
D2
D1
D0
Figure 2. Addressable Mode Timing Diagram
t1
t2
t3
t4
t5
t8
t9
t10
t6
t7
CS
SCLK
SDI
SDO
INPUT BYTE FOR DEVICE N
INPUT BYTE FOR DEVICE N + 1
ZERO BYTE
INPUT BYTE FOR DEVICE N
D7
D6
D0
D7
D6
D1
D0
0
0
0
D7D6
D1D0
Figure 3. Daisy-Chain Timing Diagram
t13
t11
t12
CS
SCLK
Figure 4. SCLK/CS Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com