Electronic Components Datasheet Search
  English  ▼

X  

ADGS5412BCPZ Datasheet(PDF) 26 Page - Analog Devices

Part # ADGS5412BCPZ
Description  SPI Interface, 4횞 SPST Switches, 9.8 廓 RON, 짹20 V/36 V, Mux Configurable
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADGS5412BCPZ Datasheet(HTML) 26 Page - Analog Devices

Back Button ADGS5412BCPZ Datasheet HTML 22Page - Analog Devices ADGS5412BCPZ Datasheet HTML 23Page - Analog Devices ADGS5412BCPZ Datasheet HTML 24Page - Analog Devices ADGS5412BCPZ Datasheet HTML 25Page - Analog Devices ADGS5412BCPZ Datasheet HTML 26Page - Analog Devices ADGS5412BCPZ Datasheet HTML 27Page - Analog Devices ADGS5412BCPZ Datasheet HTML 28Page - Analog Devices ADGS5412BCPZ Datasheet HTML 29Page - Analog Devices ADGS5412BCPZ Datasheet HTML 30Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 26 / 30 page
background image
ADGS5412
Data Sheet
Rev. A | Page 26 of 30
APPLICATIONS INFORMATION
POWER SUPPLY RAILS
To guarantee correct operation of the ADGS5412, 0.1 µF
decoupling capacitors are required.
The ADGS5412 can operate with bipolar supplies between ±9 V
and ±22 V. The supplies on VDD and VSS do not have to be
symmetrical; however, the VDD to VSS range must not exceed 44 V.
The ADGS5412 can also operate with single supplies between
9 V and 40 V with VSS connected to GND.
The voltage range that can be supplied to RESET/VL is from 2.7 V
to 5.5 V.
The device is fully specified at ±15 V, ±20 V, +12 V, and +36 V
analog supply voltage ranges.
POWER SUPPLY RECOMMENDATIONS
Analog Devices, Inc. has a wide range of power management
products to meet the requirements of most high performance
signal chains.
An example of a bipolar power solution is shown in Figure 47.
The ADP5070 (dual switching regulator) generates a positive and
negative supply rail for the ADGS5412, amplifier, and/or a
precision converter in a typical signal chain. Also shown in
Figure 47 are two optional LDOs, ADP7118 and ADP7182,
positive and negative low dropout regulators (LDOs), respectively,
that can be used to reduce the output ripple of the ADP5070 in
ultralow noise sensitive applications.
The ADM7160 can be used to generate the RESET/VL voltage
that is required to power digital circuitry within the ADGS5412.
ADM7160
LDO
+3.3V
ADP7118
LDO
+15V
ADP7182
LDO
–15V
+16.5V
–16.5V
ADP5070
+5V
INPUT
Figure 47. Bipolar Power Solution
Table 10. Recommended Power Management Devices
Product
Description
ADP5070
1 A/0.6 A, dc-to-dc switching regulator with
independent positive and negative outputs
ADM7160
5.5 V, 200 mA, ultralow noise, linear regulator
ADP7118
20 V, 200 mA, low noise, CMOS LDO linear regulator
ADP7182
−28 V, −200 mA, low noise, LDO linear regulator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com