Electronic Components Datasheet Search
  English  ▼

X  

ADRF5024 Datasheet(PDF) 12 Page - Analog Devices

Part # ADRF5024
Description  Silicon SPDT Switch, Reflective, 100 MHz to 44 GHz
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5024 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADRF5024 Datasheet HTML 5Page - Analog Devices ADRF5024 Datasheet HTML 6Page - Analog Devices ADRF5024 Datasheet HTML 7Page - Analog Devices ADRF5024 Datasheet HTML 8Page - Analog Devices ADRF5024 Datasheet HTML 9Page - Analog Devices ADRF5024 Datasheet HTML 10Page - Analog Devices ADRF5024 Datasheet HTML 11Page - Analog Devices ADRF5024 Datasheet HTML 12Page - Analog Devices ADRF5024 Datasheet HTML 13Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
ADRF5024
Data Sheet
Rev. C | Page 12 of 13
PROBE MATRIX BOARD
The probe matrix board is a 4-layer board. Similar to the
evaluation board, this board also uses a 8 mil Rogers RO4003
dielectric. The outer copper layers are 0.5 oz (0.7 mil) copper
plated to 1.5 oz (2.2 mil). The RF transmission lines were
designed using a CPWG model with a width of 14 mil and
ground spacing of 7 mil to have a characteristic impedance of
50 Ω.
Figure 22 and Figure 23 show the cross section and top view of
the board, respectively. Measurements are made using GSG
probes at close proximity to the RFx pins. Unlike the evaluation
board, probing reduces reflections caused by mismatch arising
from connectors, cables, and board layout, resulting in a more
accurate measurement of the device performance.
0.5oz Cu (0.7mil)
RO4003
0.5oz Cu (0.7mil)
1.5oz Cu (2.2mil)
1.5oz Cu (2.2mil)
W = 14mil G = 7mil
T = 2.2mil
H = 8mil
1.5oz Cu (2.2mil)
1.5oz Cu (2.2mil)
Figure 22. Probe Matrix Board (Cross Section View)
Figure 23. Probe Board Layout (Top View)
The probe matrix board includes a through reflect line (TRL)
calibration kit allowing board loss de-embedding. The actual
board duplicates the same layout in matrix form to assemble
multiple devices at one time. All S parameters were measured
on this board.
Impedance Matching
Impedance matching at the RFx pins can improve the insertion
loss and return loss at high frequencies. Figure 24 and Figure 25
show the difference in the transmission lines at the RFC, RF1,
and RF2 pins. This same circuit is implemented on the probe
matrix boards and the evaluation boards.
The dimensions of the 50 Ω lines are 14 mil trace width and
7 mil gap. To implement this impedance matched circuit, a
5 mil trace with a width of 5 mils was inserted between the pin
pad and the 50 Ω trace. The calibration kit reference kit does
not include the 5 mil matching line, and therefore, the measured
insertion loss includes the losses of the matching circuit.
Figure 24. With Impedance Match
Figure 25. Without Impedance Match



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com