Electronic Components Datasheet Search
  English  ▼

X  

B5818W Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # B5818W
Description  Schottky Barrier Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

B5818W Datasheet(HTML) 1 Page - Rectron Semiconductor

  B5818W Datasheet HTML 1Page - Rectron Semiconductor B5818W Datasheet HTML 2Page - Rectron Semiconductor B5818W Datasheet HTML 3Page - Rectron Semiconductor B5818W Datasheet HTML 4Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Features
Mechanical Data
Maximum Ratings & Thermal Characteristics (Ratings at 25
ambient temperature unless otherwise specified.)
Parameters
Symbol
B5817W
B5818W
B5819W
Unit
Maximum repetitive peak reverse voltage
VRRM
20
30
40
V
Maximum RMS voltage
VRMS
14
21
28
V
Maximum DC blocking voltage
VDC
20
30
40
V
Maximum average forward rectified current
IFM
1.0
A
Peak forward surge current 8.3 ms single half
sine-wave
IFSM
9
A
Typical thermal resistance
RθJA
250
/W
Power Dissipation
PD
500
mW
Storage temperature range
TSTG
-50-+150
Electrical Characteristics (Ratings at 25 ambient temperature unless otherwise specified).
Parameters
Symbol
Test conditions
B5817W
Unit
Maximum forward voltage
VF
IF = 1.0A
IF = 3.0A
0.450
0.750
0.550
0.875
0.600
0.900
V
Maximum reverse breakdown voltage
VR
IR=1mA
20
30
40
V
Maximum reverse current
IR
VR=20V
B5817W
VR=30V
B5818W
VR=40V
B5819W
1.0
mA
Type junction capacitance
Cj
VR = 4.0V, f = 1MHz
120
pF
B5817W
Schottky Barrier Diode
THRU
B5819W
B5818W
B5819W
I
2T
A
2S
0.336
Typical Current Squared Time
Marking: B5817W:
SJ
B5818W: SK
B5819W: SL
SOD-123 Small Outline Plastic Package
Polarity: Color band denotes cathode end
Mounting Position: Any
High Current Capability
Low Forward Voltage Drop
TJ
/
IF = 0.5A
-
0.450
0.450
2020-11/08
REV:C


Similar Part No. - B5818W

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
B5818W JIANGSU-B5818W Datasheet
33Kb / 1P
SCHOTTKY BARRIER DIODE
logo
TRANSYS Electronics Lim...
B5818W TEL-B5818W Datasheet
62Kb / 1P
SCHOTTKY BARRIER DIODE
logo
Galaxy Semi-Conductor H...
B5818W BILIN-B5818W Datasheet
275Kb / 4P
Schottky Barrier Diode
logo
Silicon Standard Corp.
B5818W SSC-B5818W Datasheet
254Kb / 4P
SCHOTTKY BARRIER DIODE
logo
Micro Commercial Compon...
B5818W MCC-B5818W Datasheet
368Kb / 3P
1 Amp Schottky Barrier Rectifier 20 - 40 Volts
More results

Similar Description - B5818W

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
1PS74SB43 PHILIPS-1PS74SB43 Datasheet
49Kb / 8P
Schottky barrier diode
1999 Dec 10
1PS79SB62 PHILIPS-1PS79SB62 Datasheet
56Kb / 8P
Schottky barrier diode
2001 Jan 18
logo
Vishay Siliconix
BAS85 VISHAY-BAS85 Datasheet
51Kb / 4P
Schottky Barrier Diode
01-Apr-99
BAS86 VISHAY-BAS86 Datasheet
51Kb / 4P
Schottky Barrier Diode
01-Apr-99
logo
Diodes Incorporated
BAT46 DIODES-BAT46 Datasheet
49Kb / 1P
SCHOTTKY BARRIER DIODE
DS11002 Rev. E-2
SD103A DIODES-SD103A Datasheet
66Kb / 3P
SCHOTTKY BARRIER DIODE
DS11009 Rev. 11 - 2
logo
ON Semiconductor
NSR0230P2T5G ONSEMI-NSR0230P2T5G Datasheet
42Kb / 3P
Schottky Barrier Diode
October, 2006 ??Rev. 0
logo
Unisonic Technologies
RB520S30 UTC-RB520S30 Datasheet
38Kb / 3P
SCHOTTKY BARRIER DIODE
logo
Champion Microelectroni...
CMS-S060-060 CHAMP-CMS-S060-060 Datasheet
21Kb / 1P
SCHOTTKY BARRIER DIODE
logo
Shindengen Electric Mfg...
DF20NC15 SHINDENGEN-DF20NC15 Datasheet
641Kb / 2P
Schottky Barrier Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com