Electronic Components Datasheet Search
  English  ▼

X  

SF103P Datasheet(PDF) 4 Page - Rectron Semiconductor

Part # SF103P
Description  GLASS PASSIVATED SUPER FAST RECTIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

SF103P Datasheet(HTML) 4 Page - Rectron Semiconductor

  SF103P Datasheet HTML 1Page - Rectron Semiconductor SF103P Datasheet HTML 2Page - Rectron Semiconductor SF103P Datasheet HTML 3Page - Rectron Semiconductor SF103P Datasheet HTML 4Page - Rectron Semiconductor SF103P Datasheet HTML 5Page - Rectron Semiconductor SF103P Datasheet HTML 6Page - Rectron Semiconductor SF103P Datasheet HTML 7Page - Rectron Semiconductor SF103P Datasheet HTML 8Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
REEL TAPING SPECIFICATIONS FOR
A
E
F
d
P1
P0
W
B
P
SURFACE MOUNT DEVICES-FLAT MELF
D
W1
D2
D1
( DO-277 )
T
MAX. 3
o
MAX. 3
o
A
R
C
Fig.: Configuration of FLAT MELF TAPING
(DO-277)
ITEM
SYMBOL
DO-277 mm(inch)
Carrier width
Carrier length
Carrier depth
Sprocket hole
Reel outside diameter
Reel inner diameter
Feed hole diameter
Strocket hole position
Punch hole position
Punch hole pitch
Sprocket hole pitch
Embossment center
Totall tape thickness
Tape width
Reel width
A
B
C
d
D
D1
D2
E
F
P
P0
P1
T
W
W1
6.80 0.1 (0.268
0.004)
1.33
0.1 (0.052
0.004)
1.5
0.1 (0.059
0.004)
178
2.0 (7.0
0.079)
50 Min.
13
0.5 (0.512
0.020)
1.75
0.1 (0.069
0.004)
5.50
0.05 (0.217 0.002)
8.0
0.1 (0.315
0.004)
4.0
0.1 (0.157
0.004)
0.3 (0.472
0.012)
16.8
2.0 (0.661
0.079)
Note: 1.Devices are packed in accordance with EIA standard RS-481-A and specification given above.
5.45
0.1(0.179
0.004)
2.00
0.05 (0.079 0.002)
0.28 0.02 (0.011 0.001)
12.00
0.1 (0.472
0.004)
12.00



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com