Electronic Components Datasheet Search
  English  ▼

X  

85EPF02 Datasheet(PDF) 4 Page - International Rectifier

Part # 85EPF02
Description  FAST SOFT RECOVERY RECTIFIER DIODE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

85EPF02 Datasheet(HTML) 4 Page - International Rectifier

  85EPF02 Datasheet HTML 1Page - International Rectifier 85EPF02 Datasheet HTML 2Page - International Rectifier 85EPF02 Datasheet HTML 3Page - International Rectifier 85EPF02 Datasheet HTML 4Page - International Rectifier 85EPF02 Datasheet HTML 5Page - International Rectifier 85EPF02 Datasheet HTML 6Page - International Rectifier 85EPF02 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Bulletin I2152 rev. B 12/02
4
85EPF.. QUIET
IR Series
www.irf.com
Fig. 5 - Maximum Non-Repetitive Surge Current
Fig. 6 - Maximum Non-Repetitive Surge Current
Fig. 7 - Forward Voltage Drop Characteristics
1
10
100
1000
01
2345
T = 25˚C
J
Instantaneous Forward Voltage (V)
85EPF.. Series
T = 150˚C
J
Fig. 8 -Recovery Time Characteristics, T
J
= 25°C
Fig. 9 - Recovery Time Characteristics, T
J
= 150°C
0
0.2
0.4
0.6
0.8
1
0
40
80
120
160
200
Rate Of Fall Of Forward Current - di/dt (A/µs)
1 A
10 A
40 A
20 A
85EPF.. Series
T = 150˚C
J
I
= 80 A
FM
PulseTrainDuration(s)
Numberof Equal AmplitudeHalf CycleCurrent Pulses (n)
0
300
600
900
1200
1
10
100
85EPF.. Series
At Any Rated Load Condition And With
Rated V
Applied Following Surge.
RRM
Initial T = 150˚C
@ 60 Hz 0.0083 s
@ 50 Hz 0.0100 s
J
0.04
0.06
0.08
0.1
0.12
0.14
0.16
0.18
0.2
0.22
0
40
80
120
160
200
Rate Of Fall Of Forward Current - di/dt (A/µs)
1 A
10 A
40 A
85EPF.. Series
T = 25˚C
J
20 A
I
= 80 A
FM
0
300
600
900
1200
0.01
0.1
1
85EPF.. Series
Maximum Non Repetitive Surge Current
Versus Pulse Train Duration.
Initial T = 150˚C
No Voltage Reapplied
Rated V
Reapplied
RRM
J



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com