Electronic Components Datasheet Search
  English  ▼

X  

CF5011 Datasheet(PDF) 1 Page - Nippon Precision Circuits Inc

Part # CF5011
Description  1.8V Crystal Oscillator Module ICs
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

CF5011 Datasheet(HTML) 1 Page - Nippon Precision Circuits Inc

  CF5011 Datasheet HTML 1Page - Nippon Precision Circuits Inc CF5011 Datasheet HTML 2Page - Nippon Precision Circuits Inc CF5011 Datasheet HTML 3Page - Nippon Precision Circuits Inc CF5011 Datasheet HTML 4Page - Nippon Precision Circuits Inc CF5011 Datasheet HTML 5Page - Nippon Precision Circuits Inc CF5011 Datasheet HTML 6Page - Nippon Precision Circuits Inc CF5011 Datasheet HTML 7Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
CF5011 series
NIPPON PRECISION CIRCUITS INC.—1
1.8V Crystal Oscillator Module ICs
OVERVIEW
The CF5011 series are low-voltage crystal oscillator module ICs that operate at 1.8V. The crystal oscillator cir-
cuit and output buffer employ a low-voltage CMOS process operating at 1.8V. The crystal oscillator circuit has
a built-in thin-film feedback resistor with good temperature characteristics and built-in capacitors with excel-
lent frequency response, making possible a stable 3rd-harmonic oscillator with only the addition of a crystal
element.
FEATURES
I
3rd-harmonic oscillation
I
1.6 to 2.0V operating supply voltage range
I
30 to 70MHz recommended operating frequency
range
I
Inverter amplifier feedback resistor built-in
I
Oscillator capacitors CG , CD built-in
I
Standby function
I
fO output frequency (oscillator frequency)
I
8mA output drive capability (VDD = 1.6V)
I
CMOS output duty level
I
Chip form (CF5011
×××)
SERIES CONFIGURATION
Note: Recommended operating frequency is not the guaranteed value but is measured using NPC’s standard crystal.
ORDERING INFORMATION
Version
Recommended
operating
frequency [MHz]
gm ratio
Built-in capacitance [pF]
Rf [kΩ]
Standby function
CG
CD
CF5011ALA
30 to 40
1.0
14
16
4.0
Yes
CF5011ALB1
1. Under development
40 to 50
1.0
8
16
3.9
Yes
CF5011ALC1
50 to 60
1.0
8
16
2.2
Yes
CF5011ALD1
60 to 70
1.5
8
16
2.7
Yes
CF5011ANA
30 to 40
1.0
14
16
4.0
No
CF5011ANB
40 to 50
1.0
8
16
3.9
No
CF5011ANC
50 to 60
1.0
8
16
2.2
No
CF5011AND
60 to 70
1.5
8
16
2.7
No
Device
Package
CF5011
×××–1
Chip form


Similar Part No. - CF5011

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
CF50103GTR MERITEK-CF50103GTR Datasheet
86Kb / 1P
Carbon Film Resistors
CF50103JTR MERITEK-CF50103JTR Datasheet
86Kb / 1P
Carbon Film Resistors
CF50103KTR MERITEK-CF50103KTR Datasheet
86Kb / 1P
Carbon Film Resistors
logo
Nippon Precision Circui...
CF5010AH1 NPC-CF5010AH1 Datasheet
167Kb / 25P
Crystal Oscillator Module ICs
CF5010AH1-1 NPC-CF5010AH1-1 Datasheet
167Kb / 25P
Crystal Oscillator Module ICs
More results

Similar Description - CF5011

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM5006 NPC-SM5006 Datasheet
185Kb / 18P
Crystal Oscillator Module ICs
SM5007 NPC-SM5007 Datasheet
111Kb / 11P
Crystal Oscillator Module ICs
SM5009AH1S NPC-SM5009AH1S Datasheet
163Kb / 18P
Crystal Oscillator Module ICs
SM5021 NPC-SM5021 Datasheet
105Kb / 11P
Crystal Oscillator Module ICs
SM5022 NPC-SM5022 Datasheet
104Kb / 10P
Crystal Oscillator Module ICs
CF5014 NPC-CF5014 Datasheet
95Kb / 10P
Crystal Oscillator Module ICs
CF5016 NPC-CF5016 Datasheet
87Kb / 8P
1.8V Operation Fundamental Frequency Crystal Oscillator Module ICs
CF5035 NPC-CF5035 Datasheet
81Kb / 8P
1.8V, High-frequency Crystal Oscillator Module ICs
SM5021 NPC-SM5021_06 Datasheet
102Kb / 12P
Crystal Oscillator Module ICs
5026 NPC-5026 Datasheet
126Kb / 16P
Crystal Oscillator Module ICs
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com