Electronic Components Datasheet Search
  English  ▼

X  

CF5034AB Datasheet(PDF) 1 Page - Nippon Precision Circuits Inc

Part # CF5034AB
Description  350MHz PECL-output Oscillator ICs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

CF5034AB Datasheet(HTML) 1 Page - Nippon Precision Circuits Inc

  CF5034AB Datasheet HTML 1Page - Nippon Precision Circuits Inc CF5034AB Datasheet HTML 2Page - Nippon Precision Circuits Inc CF5034AB Datasheet HTML 3Page - Nippon Precision Circuits Inc CF5034AB Datasheet HTML 4Page - Nippon Precision Circuits Inc CF5034AB Datasheet HTML 5Page - Nippon Precision Circuits Inc CF5034AB Datasheet HTML 6Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
CF5034 series
NIPPON PRECISION CIRCUITS INC.—1
350MHz PECL-output Oscillator ICs
OVERVIEW
The CF5034 series are differential LVPECL output oscillator ICs. They are made using a BiCMOS process
which allows high-frequency oscillator circuits and differential LVPECL output circuits to be fabricated on a
single chip. Two oscillator modes are supported—350MHz maximum fundamental oscillation mode, and
80MHz to 160MHz 3rd overtone oscillation mode.
The CF5034 series devices require only the connection of a crystal to realize a differential LVPECL output
oscillator circuit.
FEATURES
I
3.3 ± 0.3V operating supply voltage
I
Oscillator frequency range
• 80MHz to 350MHz fundamental oscillation
mode
• 80MHz to 160MHz 3rd overtone oscillation
mode
I
40MHz to 350MHz output frequency range
I
Differential LVPECL output
I
fO (oscillator frequency) or fO/2 output frequency,
determined by internal connection
I
50 ± 5% output duty (measured at output crossing
point)
I
Standby function: outputs are high impedance
when OE is LOW.
I
Power-saving pull-up resistor built-in (pin OE)
I
Chip form (CF5034
××)
SERIES LINEUP
ORDERING INFORMATION
Version
Oscillation mode
Recommended oscillator
frequency [MHz]1
1. The recommended oscillator frequency criteria is based on the negative resistance characteristics and cutoff frequency. Note that this may change
depending on the crystal characteristics, thus sufficient allowance should be made.
Output frequency
CF5034AA
Fundamental
250 to 350
fO
CF5034AB
fO/2
CF5034BA
160 to 250
fO
CF5034BB
fO/2
CF5034DA
–
80 to 350
(external capacitors required)
fO
CF5034DB
fO/2
CF5034LA
Fundamental or
3rd overtone
125 to 160
fO
CF5034LB
fO/2
CF5034MA
80 to 125
fO
CF5034MB
fO/2
Device
Package
CF5034
××−1
Chip form


Similar Part No. - CF5034AB

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
CF5035 NPC-CF5035 Datasheet
81Kb / 8P
1.8V, High-frequency Crystal Oscillator Module ICs
CF5035ALA NPC-CF5035ALA Datasheet
81Kb / 8P
1.8V, High-frequency Crystal Oscillator Module ICs
CF5035ALA-1 NPC-CF5035ALA-1 Datasheet
81Kb / 8P
1.8V, High-frequency Crystal Oscillator Module ICs
CF5035ALB NPC-CF5035ALB Datasheet
81Kb / 8P
1.8V, High-frequency Crystal Oscillator Module ICs
CF5035ALB-1 NPC-CF5035ALB-1 Datasheet
81Kb / 8P
1.8V, High-frequency Crystal Oscillator Module ICs
More results

Similar Description - CF5034AB

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
GXO-E93 GOLLEDGE-GXO-E93 Datasheet
65Kb / 1P
ECL/ PECL OSCILLATOR
logo
Nippon Precision Circui...
CF5036 NPC-CF5036 Datasheet
95Kb / 10P
2.5V LVPECL Output Oscillator ICs
CF5037 NPC-CF5037 Datasheet
94Kb / 10P
2.5V LVDS Output Oscillator ICs
logo
TAI-SAW TECHNOLOGY CO.,...
TW0283A TAI-SAW-TW0283A Datasheet
271Kb / 5P
7.0x5.0 XO 100 MHz PECL Output Oscillator
TW0284A TAI-SAW-TW0284A Datasheet
272Kb / 5P
7.0x5.0 XO 125 MHz PECL Output Oscillator
logo
Nippon Precision Circui...
5036 NPC-5036 Datasheet
113Kb / 11P
2.5V LV-PECL Output Oscillator ICs
5037 NPC-5037 Datasheet
113Kb / 11P
2.5V LVDS Output Oscillator ICs
5059H NPC-5059H Datasheet
558Kb / 11P
32kHz output Crystal Oscillator Module ICs
5087 NPC-5087 Datasheet
511Kb / 15P
LVDS Output Oscillator ICs
logo
Golledge Electronics Lt...
GXO-E72J GOLLEDGE-GXO-E72J Datasheet
607Kb / 5P
2.5V Oscillator with LV-PECL Output 2.5V Oscillator with LV-PECL Output
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com