Electronic Components Datasheet Search
  English  ▼

X  

DSPIC30F2011 Datasheet(PDF) 66 Page - Microchip Technology

Part # DSPIC30F2011
Description  High-Performance Digital Signal Controllers
PDF  207 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F2011 Datasheet(HTML) 66 Page - Microchip Technology

Back Button DSPIC30F2011 Datasheet HTML 62Page - Microchip Technology DSPIC30F2011 Datasheet HTML 63Page - Microchip Technology DSPIC30F2011 Datasheet HTML 64Page - Microchip Technology DSPIC30F2011 Datasheet HTML 65Page - Microchip Technology DSPIC30F2011 Datasheet HTML 66Page - Microchip Technology DSPIC30F2011 Datasheet HTML 67Page - Microchip Technology DSPIC30F2011 Datasheet HTML 68Page - Microchip Technology DSPIC30F2011 Datasheet HTML 69Page - Microchip Technology DSPIC30F2011 Datasheet HTML 70Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 207 page
background image
dsPIC30F2011/2012/3012/3013
DS70139C-page 64
Preliminary
© 2005 Microchip Technology Inc.
8.1
Interrupt Priority
The user assignable interrupt priority (IP<2:0>) bits for
each individual interrupt source are located in the LS
3 bits of each nibble within the IPCx register(s). Bit 3 of
each nibble is not used and is read as a ‘0’. These bits
define the priority level assigned to a particular interrupt
by the user.
Natural Order Priority is determined by the position of
an interrupt in the vector table, and only affects
interrupt operation when multiple interrupts with the
same user-assigned priority become pending at the
same time.
Table 8-1 lists the interrupt numbers and interrupt
sources
for
the
dsPIC30F2011/2012/3012/3013
devices and their associated vector numbers.
The ability for the user to assign every interrupt to one
of seven priority levels implies that the user can assign
a very high overall priority level to an interrupt with a
low natural order priority. For example, the PLVD (Low
Voltage Detect) can be given a priority of 7. The INT0
(External Interrupt 0) may be assigned to priority level
1, thus giving it a very low effective priority.
TABLE 8-1:
INTERRUPT VECTOR TABLE
Note:
The user selectable priority levels start at
0 as the lowest priority and level 7 as the
highest priority.
Note 1: The natural order priority scheme has 0
as the highest priority and 53 as the
lowest priority.
2: The natural order priority number is the
same as the INT number.
INT
Number
Vector
Number
Interrupt Source
Highest Natural Order Priority
0
8
INT0 - External Interrupt 0
1
9
IC1 - Input Capture 1
2
10
OC1 - Output Compare 1
3
11
T1 - Timer 1
4
12
IC2 - Input Capture 2
5
13
OC2 - Output Compare 2
6
14
T2 - Timer 2
7
15
T3 - Timer 3
816
SPI1
9
17
U1RX - UART1 Receiver
10
18
U1TX - UART1 Transmitter
11
19
ADC - ADC Convert Done
12
20
NVM - NVM Write Complete
13
21
SI2C - I2C Slave Interrupt
14
22
MI2C - I2C Master Interrupt
15
23
Input Change Interrupt
16
24
INT1 - External Interrupt 1
17-22
25-30
Reserved
23
31
INT2 - External Interrupt 2
24
32
*U2RX - UART2 Receiver
25
33
*U2TX - UART2 Transmitter
26-41
34-49
Reserved
42
50
LVD - Low Voltage Detect
43-53
51-61
Reserved
Lowest Natural Order Priority
*
Only the dsPIC30F3013 has UART2 and the U2RX,
U2TX interrupts. These locations are reserved for
the dsPIC30F2011/2012/3012.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com