Electronic Components Datasheet Search
  English  ▼

X  

MAX17320 Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # MAX17320
Description  2S-4S ModelGauge m5 EZ Fuel Gauge with Protector, Internal Self-Discharge Detection, and SHA-256 Authentication
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17320 Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button MAX17320 Datasheet HTML 17Page - Maxim Integrated Products MAX17320 Datasheet HTML 18Page - Maxim Integrated Products MAX17320 Datasheet HTML 19Page - Maxim Integrated Products MAX17320 Datasheet HTML 20Page - Maxim Integrated Products MAX17320 Datasheet HTML 21Page - Maxim Integrated Products MAX17320 Datasheet HTML 22Page - Maxim Integrated Products MAX17320 Datasheet HTML 23Page - Maxim Integrated Products MAX17320 Datasheet HTML 24Page - Maxim Integrated Products MAX17320 Datasheet HTML 25Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 179 page
background image
Electrical Characteristics
(IN = 4.2V to 18V, TA = -40°C to +85°C, typical values are TA = +25°C, see the schematic in the Functional Diagram. Limits are 100%
tested at TA = +25°C. Limits over the operating temperature range and relevant supply voltage range are guaranteed by design and
characterization.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
POWER SUPPLY
Supply Voltage
VIN
4.2
18
V
Shutdown Supply
Current
IDD0
Shutdown, VBATT = 18V, +25°C
2.2
3.5
μA
Ship Mode Supply
Current
IDD1
TA ≤ +50°C
16
25
μA
Active Supply Current
IDD2
TA ≤ +50°C, average current, not
including thermistor measurement
current, AOLDO off
38
57
μA
REG3 Voltage
VREG3
3.4
V
REG2 Voltage
VREG2
1.8
V
Always-On LDO Voltage
VAOLDO
1.8V output, ILOAD = 2mA
1.62
1.8
1.98
V
3.4V output, ILOAD = 2mA
3
3.4
3.8
CHARGE PUMP
Charge Pump Output
VCP
1.5 x IN < CPREG, VCP - IN
1.5 x IN -
1
1.5 x IN
1.5 x IN
+ 1
V
6V selection
5
6
7
8V setting, VIN > 6V
7
8
9
10V setting, VIN > 7.5V
9
10
11
CHG DRIVER
CHG Driver Output
VCHGHIGH
CHG is high, IN = 10V, 10MΩ resistor
between CHG and IN
CP - 0.1
CP
CP + 0.1
V
CHG Resistance
RCHGON
CHG is high
4000
Ω
RCHGOFF
CHG is low
1000
DIS DRIVER
DIS Driver Output
VDISHIGH
DIS is high, IN = 10V, 10MΩ resistor
between DIS and PCKP
CP - 0.1
CP
CP + 0.1
V
DIS Resistance
RDISON
DIS is high
4000
Ω
RDISOFF
DIS is low
1000
ZERO-VOLT RECOVERY
ZVC Minimum Voltage
VZVCMIN
IN = 0
10mA Recovery
current
1.4
2.4
3.3
V
30mA Recovery
current
2.1
2.9
3.8
50mA Recovery
current
2.5
3.4
4.5
ANALOG-TO-DIGITAL CONVERSION
Cell Voltage
Measurement Error
VGERR
TA = +25°C (Note 10)
-12.5
+12.5
mV
(Note 10)
-25
+25
MAX17320
2S-4S ModelGauge m5 EZ Fuel Gauge with
Protector, Internal Self-Discharge Detection, and
SHA-256 Authentication
www.maximintegrated.com
Maxim Integrated | 21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com